Electronic Components Datasheet Search
  English  ▼

X  

LTC1955 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1955
Description  Dual Smart Card Interface with Serial Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1955 Datasheet(HTML) 2 Page - Linear Technology

  LTC1955 Datasheet HTML 1Page - Linear Technology LTC1955 Datasheet HTML 2Page - Linear Technology LTC1955 Datasheet HTML 3Page - Linear Technology LTC1955 Datasheet HTML 4Page - Linear Technology LTC1955 Datasheet HTML 5Page - Linear Technology LTC1955 Datasheet HTML 6Page - Linear Technology LTC1955 Datasheet HTML 7Page - Linear Technology LTC1955 Datasheet HTML 8Page - Linear Technology LTC1955 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1955
2
sn1955 1955fs
VBATT, DVCC, CPO, FAULT,
UNDERV to GND ....................................... –0.3V to 6.0V
PRES A/PRES B, DATA, RIN, SYNC, ASYNC,
LD, DIN, SCLK to GND ............... –0.3V to (DVCC + 0.3V)
I/O A .......................................... –0.3V to (VCCA + 0.3V)
I/O B .......................................... –0.3V to (VCCB + 0.3V)
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD IS SGND
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1955EUH
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VPVBATT = VSVBATT = 3.3V, DVCC = 3.3V unless otherwise noted.
IVCCA/IVCCB ........................................................................... 80mA
VCCA/VCCB Short-Circuit Duration .................... Indefinite
Operating Ambient Temperature Range
(Note 4) .............................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VBATT Operating Voltage
q
2.7
5.5
V
IPVBATT + ISVBATT Operating Current
VCCA = 5V, VCCB = 0V, ICCA = 0µA
q
250
400
µA
VCCA = VCCB = 5V, ICCA = ICCB = 0µA
q
350
500
µA
IPVBATT + ISVBATT Shutdown Current
No Cards Present, VCPO = 0V
q
0.75
1.75
µA
DVCC Operating Voltage
q
1.7
5.5
V
IDVCC Operating Current
q
10
25
µA
IDVCC Shutdown Current
q
0.5
1.5
µA
Charge Pump
ROLCP 5V Mode Open-Loop
VBATT = 3.075V, ICPO = ICCA + ICCB = 120mA, (Note 3) q
5.7
8.5
Ω
Output Resistance
CPO Turn On Time
ICCA/B = 0mA, 10% to 90%
q
0.6
1.5
ms
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
DVCC
PRES A
C8A
C4A
I/O A
RST A
CLK A
VCCA
FAULT
UNDERV
NC/NO
PRES B
I/O B
RST B
CLK B
VCCB
UH PACKAGE
32-LEAD PLASTIC QFN
PIN 1
TOP VIEW
UH PART MARKING
1955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com