Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 7Page - Linear Technology LTC2876 Datasheet HTML 8Page - Linear Technology LTC2876 Datasheet HTML 9Page - Linear Technology LTC2876 Datasheet HTML 10Page - Linear Technology LTC2876 Datasheet HTML 11Page - Linear Technology LTC2876 Datasheet HTML 12Page - Linear Technology LTC2876 Datasheet HTML 13Page - Linear Technology LTC2876 Datasheet HTML 14Page - Linear Technology LTC2876 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2876/LTC2877
11
28767fa
For more information www.linear.com/LTC2876
TesT circuiTs
0
B´
A´
B´– A´
0
B´PP
VOD(PP)
A´PP
VBPP–APP = |B´PP – A´PP|
VBPP+APP = B´PP + A´PP
MEASUREMENTS TAKEN AT STEADY STATE
28767 F01
VCC
DI
RE
RO
DE
PA
PB
HIGH
HIGH
LTC2876/LTC2877
+–
390
390
220
RCABLE
RCABLE
B´
A´
VCC
390
390
220
VCC
PB
PA
CM
0
PB–PA
VOD(485)+
∆|VOC(485)|
VOD(485)–
MEASUREMENTS TAKEN AT STEADY STATE
FOR RS422 MEASUREMENTS, SUBSTITUTE 485 WITH 422 IN THIS FIGURE.
VOD(485) = PB–PA
∆|VOD(485)| = |VOD(485)+ – VOD(485)–|
28767 F02
VCC
DI
RE
RO
DE
PA
PB
HIGH
HIGH
LTC2876/LTC2877
+–
CM
VOD(485)
RL
RL
VOC(485)
Figure 1. Driver Differential Output Voltages for PROFIBUS Load
Figure 2. Driver Output Voltages in RS485 and RS422 Configurations
28767 F03
VCC
DI
RE
RO
DE
HIGH
HIGH OR LOW
HIGH
LTC2876/LTC2877
IOSD
PA
PB
+– –60VTO+60V
Figure 3. Drive Output Short-Circuit Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com