Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 11Page - Linear Technology LTC2876 Datasheet HTML 12Page - Linear Technology LTC2876 Datasheet HTML 13Page - Linear Technology LTC2876 Datasheet HTML 14Page - Linear Technology LTC2876 Datasheet HTML 15Page - Linear Technology LTC2876 Datasheet HTML 16Page - Linear Technology LTC2876 Datasheet HTML 17Page - Linear Technology LTC2876 Datasheet HTML 18Page - Linear Technology LTC2876 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC2876/LTC2877
15
28767fa
For more information www.linear.com/LTC2876
Note:Specificationsinthissectionrepresenttypicalvalues
unless otherwise noted.
PROFIBUS-DP AND RS485
PROFIBUS-DP can communicate over a variety of media,
including copper wires, fiber optics, and even air in an
infrared communicator. By far, the most commonly used
media is a twisted pair of wires connecting devices that
communicate with TIA/EIA-485-A (RS485) transceivers.
RS485 offers high speed differential signaling that is
robust for communication between multiple devices over
long distances in noisy environments such as factory
applications.
Not All RS485 Transceivers Are Suitable for PROFIBUS
Although the PROFIBUS standard specifies the use of
RS485 devices at the physical layer, there are differences
in the cable, termination, and driver requirements from
RS485. A device meeting RS485 specifications may not
applicaTions inForMaTion
be compliant to PROFIBUS requirements. The LTC2876/
LTC2877wasdesignedspecificallytomeetPROFIBUSand
RS485requirementsandistestedinawaythatensuresthis.
Cable and Termination Differences from RS485
The cable and termination network used for PROFIBUS is
different than for RS485 as illustrated in Figure 10. The
PROFIBUS network includes bus biasing resistors that
are used in conjunction with the differential termination
resistors on each end of the bus. The cable is a shielded
twisted pair with an impedance of 150Ω. Oddly enough,
theeffectivedifferentialresistanceofthespecifiedtermina-
tion network is 172Ω, which is not a perfect match for the
150Ω cable, resulting in a slightly underdamped network.
This manifests itself as a small bump, or increase in the
signal voltage, at the receiving end of the cable, lasting
twice as long as the cable propagation delay.
In contrast, the RS485 network shows the preferred
configuration with only differential termination resistors
at each end of the bus, matching the 120Ω characteristic
impedance of the cable.
Figure 10. Cable and Termination Differences in RS485 and PROFIBUS Multi-Node Networks.
PROFIBUS Type A Cable and Termination Shown in PROFIBUS Example (Top)
Profibus Multi-Node Network
Twisted Pair Cable (ZO = 150Ω)
RS485 Multi-Node Network
Twisted Pair Cable (ZO = 120Ω)
5V
390
220
390
PROFIBUS
MASTER
PROFIBUS
STATION
PROFIBUS
STATION
PROFIBUS
STATION
5V
390
220
390
120
RS485
MASTER
RS485
NODE
RS485
NODE
RS485
NODE
120
28767 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com