Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 10Page - Linear Technology LTC2876 Datasheet HTML 11Page - Linear Technology LTC2876 Datasheet HTML 12Page - Linear Technology LTC2876 Datasheet HTML 13Page - Linear Technology LTC2876 Datasheet HTML 14Page - Linear Technology LTC2876 Datasheet HTML 15Page - Linear Technology LTC2876 Datasheet HTML 16Page - Linear Technology LTC2876 Datasheet HTML 17Page - Linear Technology LTC2876 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2876/LTC2877
14
28767fa
For more information www.linear.com/LTC2876
28767 F08
RE
RO
0V
0V
VCC*
½VCC*
½VCC*
VCC
VOL
VOH
RO
tZLR
tZHR
tLZR
0.5V
0.5V
tHZR
½VCC*
*FOR THE LTC2877, SUBSTITUTE VL FOR VCC
VCC
DI
RE
RO
DE
HIGH
LOW OR
HIGH
LTC2876/LTC2877
15pF
1k
VCC FOR DI LOW
GND FOR DI HIGH
PA
PB
Figure 8. Receiver Enable and Disable Timing Measurements
28767 F09
RE
RO
0V
0V
VCC*
½VCC*
½VCC*
VCC*
VOL
VOH
RO
tZLSR
tZHSR
tSHDNR
0.5V
0.5V
*FOR THE LTC2877, SUBSTITUTE VL FOR VCC
tSHDNR
½VCC*
VCC
DI
RE
RO
DE
LOW
LOW
LTC2876/LTC2877
15pF
1k
VCC FOR CASE1
GND FOR CASE2
CASE 1
PA
PB
0V
VCC
CASE 2
VCC
0V
Figure 9. Receiver Shutdown Timing Measurements
TesT circuiTs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com