Electronic Components Datasheet Search
  English  ▼

X  

LTC2876 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 8Page - Linear Technology LTC2876 Datasheet HTML 9Page - Linear Technology LTC2876 Datasheet HTML 10Page - Linear Technology LTC2876 Datasheet HTML 11Page - Linear Technology LTC2876 Datasheet HTML 12Page - Linear Technology LTC2876 Datasheet HTML 13Page - Linear Technology LTC2876 Datasheet HTML 14Page - Linear Technology LTC2876 Datasheet HTML 15Page - Linear Technology LTC2876 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC2876/LTC2877
12
28767fa
For more information www.linear.com/LTC2876
TesT circuiTs
RIN =
VBUS
IIN
28767 F04
VCC
DI
RE
RO
DE
LOW
LOW
HIGH OR LOW
LTC2876/LTC2877
IIN
PA
PB
+– VBUS
Figure 4. Receiver Input Current and Input Resistance
28767 F05
DI
PA
0V
VCC*
VO
½VO
90%
90%
0
0
10%
10%
PB
PB–PA
tPLHD
tPHLD
tSKEWD
tRD
tFD
*FOR THE LTC2877, SUBSTITUTE VL FOR VCC
VCC
DI
RE
RO
DE
HIGH
HIGH
LTC2876/LTC2877
PA
54
100pF
PB
100pF
Figure 5. Driver Timing Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com