Electronic Components Datasheet Search
  English  ▼

X  

LT6236 Datasheet(PDF) 28 Page - Linear Technology

Part # LT6236
Description  16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6236 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT6236 Datasheet HTML 24Page - Linear Technology LT6236 Datasheet HTML 25Page - Linear Technology LT6236 Datasheet HTML 26Page - Linear Technology LT6236 Datasheet HTML 27Page - Linear Technology LT6236 Datasheet HTML 28Page - Linear Technology LT6236 Datasheet HTML 29Page - Linear Technology LT6236 Datasheet HTML 30Page - Linear Technology LT6236 Datasheet HTML 31Page - Linear Technology LT6236 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
LTC2372-16
28
237216f
For more information www.linear.com/LTC2372-16
Signal-to-Noise and Distortion Ratio (SINAD)
The signal-to-noise and distortion ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 15 shows that the LTC2372-16 achieves
a typical SINAD of 96dB (fully differential) at a 500kHz
sampling rate with a 1kHz input.
applicaTions inForMaTion
Figure 15. 32k Point FFT fSMPL = 500ksps, fIN = 1kHz
Signal-to-Noise Ratio (SNR)
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC. Figure 15 shows
that the LTC2372-16 achieves a typical SNR of 96dB (fully
differential) at a 500kHz sampling rate with a 1kHz input.
Total Harmonic Distortion (THD)
Totalharmonicdistortion(THD)istheratiooftheRMSsum
ofallharmonicsoftheinputsignaltothefundamentalitself.
The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency (fSMPL/2).
THD is expressed as:
THD=20log
V22 + V32 + V42 +…+ VN
2
V1
where V1 is the RMS amplitude of the fundamental
frequency and V2 through VN are the amplitudes of the
second through Nth harmonics. Figure 15 shows that
the LTC2372-16 achieves a typical THD of –114dB (fully
differential) at a 500kHz sampling rate with a 1kHz input.
SNR = 96.1dB
THD = –114.4dB
SINAD = 96dB
SFDR = 116.9dB
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237216 F15
Figure 14a. Transient Response of the LTC2372-16 in the
Fully Differential Input Range
Figure 14c. Transient Response of the LTC2372-16 in the
Pseudo-Differential Bipolar Input Range
Figure 14b. Transient Response of the LTC2372-16 in the
Pseudo-Differential Unipolar Input Range
INTERNAL REFERENCE BUFFER
EXTERNAL SOURCE ON REFBUF
TIME (µs)
0 100 200 300 400 500 600 700 800 900 1000
–0.5
0
0.5
1.0
237216 F14a
INTERNAL REFERENCE BUFFER
EXTERNAL SOURCE ON REFBUF
TIME (µs)
0 100 200 300 400 500 600 700 800 900 1000
–0.5
0
0.5
1.0
237216 F14b
INTERNAL REFERENCE BUFFER
EXTERNAL SOURCE ON REFBUF
TIME (µs)
0 100 200 300 400 500 600 700 800 900 1000
–1.0
–0.5
0
0.5
237216 F14c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com