Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1012
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 1 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2758
1
2758fb
For more information www.linear.com/LTC2758
Typical applicaTion
FeaTures
applicaTions
DescripTion
Dual Serial 18-Bit
SoftSpan IOUT DACs
The LTC®2758 is a dual 18-bit multiplying serial-input,
current-output digital-to-analog converter. LTC2758A
provides full 18-bit performance (INL and DNL of ±1LSB
maximum) over temperature without any adjustments.
18-bit monotonicity is guaranteed in all performance
grades. This SoftSpan™ DAC operates from a single 3V
to 5V supply and offers six output ranges (up to ±10V)
that can be programmed through the 3-wire SPI serial
interface or pin-strapped for operation in a single range.
Any on-chip register (including DAC output-range set-
tings) can be read for verification in just one instruction
cycle; and if you change register content, the altered
register will be automatically read back during the next
instruction cycle.
Voltage-controlled offset and gain adjustments are also
provided; and the power-on reset circuit and CLR pin both
reset the DAC outputs to 0V regardless of output range.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
Dual 18-Bit VOUT DAC with Software-Selectable Ranges
n
Maximum 18-Bit INL Error: ±1 LSB Over Temperature
n
Program or Pin-Strap Six Output Ranges:
0V to 5V, 0V to 10V, –2.5V to 7.5V, ±2.5V, ±5V, ±10V
n
Guaranteed Monotonic Over Temperature
n
Glitch Impulse 0.4nV•s (3V), 2nV•s (5V)
n
18-Bit Settling Time: 2.1µs
n
2.7V to 5.5V Single Supply Operation
n
1µA Maximum Supply Current
n
Voltage-Controlled Offset and Gain Trims
n
Serial Interface with Readback of All Registers
n
Clear and Power-On-Reset to 0V Regardless of
Output Range
n
48-Pin 7mm × 7mm LQFP Package
n
Instrumentation
n
Medical Devices
n
Automatic Test Equipment
n
Process Control and Industrial Automation
LTC2758 Integral Nonlinearity
CODE
0
65536
–1.0
–0.8
–0.6
–0.4
–0.2
0.6
0.4
0.2
0
0.8
1.0
131072
196608
262143
2758 TA01b
0V TO 10V RANGE
LTC2758
5V
4
SPI WITH
READBACK
GND
VDD
DAC B
DAC A
REFERENCE
5V
VOUTA
VOUTB
RINA
REFA
REFERENCE
5V
REFB
ROFSA
GEADJA
GEADJB ROFSB
RCOMB
RCOMA
RINB
VOSADJA
VOSADJB
IOUT1A
IOUT2A
IOUT1B
IOUT2B
RFBA
RFBB
–
+
2758 TA01a
LT1012
LT1012
LT1468
LT1468
0.1µF
OFFSET A ADJUST
OFFSET B ADJUST
GAIN A
ADJUST
GAIN B
ADJUST
27pF
27pF


Similar Part No. - LT1012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012 LINER-LT1012 Datasheet
871Kb / 12P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012 LINER-LT1012 Datasheet
335Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012 LINER-LT1012 Datasheet
182Kb / 12P
Micropower Thermocouple Cold Junction Compensator
LT1012 LINER-LT1012 Datasheet
345Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
More results

Similar Description - LT1012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2754 LINER-LTC2754 Datasheet
503Kb / 28P
Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2757 LINER-LTC2757 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2752 LINER-LTC2752 Datasheet
366Kb / 24P
Dual16-Bit SoftSpan IOUT DACs
logo
Analog Devices
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
Linear Technology
LTC2756 LINER-LTC2756_15 Datasheet
338Kb / 24P
Serial 18-Bit SoftSpan IOUT DAC
LTC2752 LINER-LTC2752_15 Datasheet
370Kb / 24P
Dual16-Bit SoftSpan IOUT DACs
LTC2757 LINER-LTC2757_15 Datasheet
269Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2758 LINER-LTC2758_15 Datasheet
412Kb / 24P
Dual Serial 18-Bit SoftSpan IOUT DACs
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
Quad 12-/16-Bit SoftSpan IOUT DACs
logo
Analog Devices
LTC2662 AD-LTC2662 Datasheet
1,022Kb / 28P
Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com