Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1012
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 4 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2758
4
2758fb
For more information www.linear.com/LTC2758
TiMing characTerisTics The
l
denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.
elecTrical characTerisTics V
DD = 5V, V(RINX) = 5V unless otherwise specified. The l denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VDD
Supply Voltage
l
2.7
5.5
V
IDD
VDD Supply Current
Digital Inputs = 0V or VDD
l
0.5
2
μA
Digital Inputs
VIH
Digital Input High Voltage
3.3V ≤ VDD ≤ 5.5V
2.7V ≤ VDD < 3.3V
l
l
2.4
2
V
V
VIL
Digital Input Low Voltage
4.5V < VDD ≤ 5.5V
2.7V ≤ VDD ≤ 4.5V
l
l
0.8
0.6
V
V
Hysteresis Voltage
0.1
V
IIN
Digital Input Current
VIN = GND to VDD
l
±1
µA
CIN
Digital Input Capacitance
VIN = 0V (Note 13)
l
6
pF
Digital Outputs
VOH
IOH = 200µA
2.7V ≤ VDD ≤ 5.5V
l
VDD – 0.4
V
VOL
IOL = 200µA
2.7V ≤ VDD ≤ 5.5V
l
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 4.5V to 5.5V
t1
SDI Valid to SCK Set-Up
l
7
ns
t2
SDI Valid to SCK Hold
l
7
ns
t3
SCK High Time
l
11
ns
t4
SCK Low Time
l
11
ns
t5
CS/LD Pulse Width
l
9
ns
t6
LSB SCK High to CS/LD High
l
4
ns
t7
CS/LD Low to SCK Positive Edge
l
4
ns
t8
CS/LD High to SCK Positive Edge
l
4
ns
t9
SRO Propagation Delay
CLOAD = 10pF
l
18
ns
t10
CLR Pulse Width Low
l
36
ns
t11
LDAC Pulse Width Low
l
15
ns
t12
CLR Low to RFLAG Low
CLOAD = 10pF (Note 13)
l
50
ns
t13
CS/LD High to RFLAG High
CLOAD = 10pF (Note 13)
l
40
ns
SCK Frequency
50% Duty Cycle (Note 14)
l
40
MHz
VDD = 2.7V to 3.3V
t1
SDI Valid to SCK Set-Up
l
9
ns
t2
SDI Valid to SCK Hold
(Note 13)
l
9
ns
t3
SCK High Time
CL = 10pF
l
15
ns
t4
SCK Low Time
l
15
ns
t5
CS/LD Pulse Width
l
12
ns
t6
LSB SCK High to CS/LD High
l
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com