Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1012
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 5 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2758
5
2758fb
For more information www.linear.com/LTC2758
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 3: Calculation from feedback resistance and IOUT1 leakage current
specifications; not production tested. In most applications, unipolar zero-
scale error is dominated by contributions from the output amplifier.
Note 4: Input resistors measured from RINX to RCOMX; feedback resistors
measured from RCOMX to REFX.
Note 5: DAC input resistance is independent of code.
Note 6: Parallel combination of the resistances from the specified pin to
IOUT1X and from the specified pin to IOUT2X.
Note 7: Using LT1468 with CFEEDBACK = 27pF. A ±0.0004% settling time
of 1.8µs can be achieved by optimizing the time constant on an individual
basis. See Application Note 120, 1ppm Settling Time Measurement for a
Monolithic 18-Bit DAC.
TiMing characTerisTics The
l
denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.
Note 8: Measured at the major carry transition, 0V to 5V range. Output
amplifier: LT1468; CFB = 50pF.
Note 9: Full-scale transition; REF = 0V.
Note 10: Analog Crosstalk is defined as the AC voltage ratio VOUTB/VREFA,
expressed in dB. REFB is grounded, and DAC B is set to 0V-5V span and
zero-, mid- or full- scale code. VREFA is a 3VRMS, 1kHz sine wave.
Note 11: REF = 6VRMS at 1kHz. 0V to 5V range. DAC code = FS. Output
amplifier = LT1468.
Note 12: Calculation from Vn = √4kTRB, where k = 1.38E-23 J/°K
(Boltzmann constant), R = resistance (Ω), T = temperature (°K), and B =
bandwidth (Hz). 0V to 5V Range; zero-, mid-, or full-scale.
Note 13: Guaranteed by design; not production tested.
Note 14: When using SRO, maximum SCK frequency fMAX is limited by
SRO propagation delay t9 as follows:
fMAX =
1
2 t9 + tS
(
)
⎛
⎝
⎜
⎞
⎠
⎟ , where tS is the setup time of the receiving device.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t7
CS/LD Low to SCK Positive Edge
l
5
ns
t8
CS/LD High to SCK Positive Edge
l
5
ns
t9
SRO Propagation Delay
CLOAD = 10pF
l
26
ns
t10
CLR Pulse Width Low
l
60
ns
t11
LDAC Pulse Width Low
l
20
ns
t12
CLR Low to RFLAG Low
CLOAD = 10pF (Note 13)
l
70
ns
t13
CS/LD High to RFLAG high
CLOAD = 10pF (Note 13)
l
60
ns
SCK Frequency
50% Duty Cycle (Note 14)
l
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com