Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 26 Page - Linear Technology

Part # LT1357
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1357 Datasheet HTML 22Page - Linear Technology LT1357 Datasheet HTML 23Page - Linear Technology LT1357 Datasheet HTML 24Page - Linear Technology LT1357 Datasheet HTML 25Page - Linear Technology LT1357 Datasheet HTML 26Page - Linear Technology LT1357 Datasheet HTML 27Page - Linear Technology LT1357 Datasheet HTML 28Page - Linear Technology LT1357 Datasheet HTML 29Page - Linear Technology LT1357 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
LTC2335-18
26
233518f
For more information www.linear.com/LTC2335-18
ADC REFERENCE
AsshownpreviouslyinTable1b,theLTC2335-18 supports
three reference configurations. The first uses both the in-
ternalbandgapreferenceandreferencebuffer.Thesecond
externally overdrives the internal reference but retains the
internal buffer, which isolates the external reference from
ADC conversion transients. This configuration is ideal
for sharing a single precision external reference across
multiple ADCs. The third disables the internal buffer and
overdrives the REFBUF pin externally.
Internal Reference with Internal Buffer
The LTC2335-18 has an on-chip, low noise, low drift
(20ppm/°C maximum), temperature compensated band-
gap reference that is factory trimmed to 2.048V. The
reference output connects through a 20kΩ resistor to
the REFIN pin, which serves as the input to the on-chip
reference buffer, as shown in Figure 10a. When employing
the internal bandgap reference, the REFIN pin should be
bypassed to GND (Pin 20) close to the pin with a 0.1μF
ceramic capacitor to filter wideband noise. The reference
buffer amplifies VREFIN to create the converter master
reference voltage VREFBUF = 2 • VREFIN on the REFBUF pin,
nominally 4.096V when using the internal bandgap refer-
ence. Bypass REFBUF to GND (Pin 20) close to the pin with
at least a 47μF ceramic capacitor (X7R, 10V, 1210 size or
X5R, 10V, 0805 size) to compensate the reference buffer,
absorbtransientconversioncurrents,andminimizenoise.
External Reference with Internal Buffer
If more accuracy and/or lower drift is desired, REFIN can
be easily overdriven by an external reference since 20kΩ
of resistance separates the internal bandgap reference
output from the REFIN pin, as shown in Figure 10b. The
valid range of external reference voltage overdrive on the
REFIN pin is 1.25V to 2.2V, resulting in converter mas-
ter reference voltages VREFBUF between 2.5V and 4.4V,
respectively. Linear Technology offers a portfolio of high
performance references designed to meet the needs of
manyapplications.Withitssmallsize,lowpower,andhigh
accuracy,theLTC6655-2.048iswellsuitedforusewiththe
LTC2335-18 when overdriving the internal reference. The
LTC6655-2.048offers0.025%(maximum)initialaccuracy
applicaTions inForMaTion
Figure 10b. External Reference with Internal Buffer Configuration
Figure 10a. Internal Reference with Internal Buffer Configuration
233518 F10a
47µF
6.5k
20k
LTC2335-18
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
0.1µF
233518 F10b
47µF
6.5k
20k
LTC2335-18
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
2.7µF
LTC6655-2.048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com