Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 37 Page - Linear Technology

Part # LT1357
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 37 Page - Linear Technology

Back Button LT1357 Datasheet HTML 32Page - Linear Technology LT1357 Datasheet HTML 33Page - Linear Technology LT1357 Datasheet HTML 34Page - Linear Technology LT1357 Datasheet HTML 35Page - Linear Technology LT1357 Datasheet HTML 36Page - Linear Technology LT1357 Datasheet HTML 37Page - Linear Technology LT1357 Datasheet HTML 38Page - Linear Technology LT1357 Datasheet HTML 39Page - Linear Technology LT1357 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
LTC2335-18
37
233518f
For more information www.linear.com/LTC2335-18
applicaTions inForMaTion
ThedataonSDOareformattedasa24-bitpacketconsisting
ofan18-bitconversionresult,3-bitanalogchannelID,and
3-bitSoftSpancode,allpresentedMSBfirst.Assuggested
in Figures 19 and 20, if more than 24 SCKI clocks are
applied, the 24-bit packet is repeated indefinitely on SDO.
The LTC2335-18 guarantees a minimum data transfer
window(tACQ–tQUIET)of400nswhileconvertingat1Msps.
Thus, if an application needs to read the full 24-bit packet
of conversion result plus channel ID and SoftSpan, the
minimum usable SCKI frequency is 30MHz (60Mbps).
Applications needing to read only the conversion result
may send only 18 SCKI edges and thus have a minimum
SCKI frequency of 22.5MHz (45Mbps). The LTC2335-18
supportsLVDSSCKIfrequenciesupto250MHz(500Mbps).
Configuring the Multiplexer and SoftSpan Range in
LVDS I/O Mode
On power-up and after a reset, the LTC2335-18 defaults
to converting channels 0 through 7 sequentially, all in
SoftSpan 7. If this configuration does not need to be
changed, simply hold SDI at an LVDS low level.
The LTC2335-18 multiplexer and SoftSpan range may be
controlled in two ways, depending on the needs of the ap-
plication.IfthedesiredsequenceofchannelsandSoftSpan
rangesareknownaheadoftime,theLTC2335-18’sinternal
sequencer may be programmed with a sequence of up to
16 configurations, and will cycle through those configu-
rations on subsequent conversions without further user
intervention.Alternatelyifultimateflexibilityisdesired,the
LTC2335-18 may be directly controlled by overwriting the
sequencereachconversionwiththechannelandSoftSpan
range for the following conversion. This reconfiguration
has no latency and requires no additional settling time or
digital I/O overhead.
Using the Sequencer
To use the internal sequencer of the LTC2335-18, first
program it as described below with the desired sequence
of up to 16 configurations. Each of these configurations
specifies the desired channel number and SoftSpan range
for one conversion. The LTC2335-18 will then apply the
first configuration to the first conversion, the second
configuration to the second conversion, and so on until
the end of the programmed sequence is reached, at which
point the cycle will start again from the beginning.
Eachdatatransactionwindowisanopportunitytoprogram
thesequencerbyclockinginaseriesof8-bitcontrolwords
on SDI, each specifying a channel number and SoftSpan
range, as shown in Figures 19 and 20. To program the
sequencer with a series of up to 16 conversion configu-
rations, write in the corresponding control words in the
desired conversion order during a single data transaction.
Words beyond the 16th valid word will be ignored.
The control word format is as follows:
C[7]
C[6]
C[5]
C[4]
C[3]
C[2]
C[1]
C[0]
V
0
CH[2] CH[1] CH[0] SS[2] SS[1] SS[0]
The V bit (C[7]) controls whether the LTC2335-18 should
consider this a valid word. Any words which have V =
0 are considered invalid and are ignored (though valid
words will still be accepted after an invalid word). Words
which have V = 1 will be added to the sequencer in the
order provided. The C[6] bit is reserved for future use and
should be set to 0. The CH[2:0] (C[5:3]) bits are a binary
value 0 to 7 controlling the channel to be converted. The
SS[2:0] (C[2:0]) bits specify the desired SoftSpan range
for the conversion, as described in Table 1.
Sequencer programming is completed when the next
conversion is started. At this time, any incomplete words
are considered invalid and discarded. If one or more
valid words were provided, the sequencer is completely
overwritten with the new sequence, and the just-initiated
conversion employs the first provided configuration.
If no valid words were provided during the data transac-
tion window, the sequencer program is unchanged, and
the pointer advances to the next entry in the previously
programmed cycle to configure the next conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com