Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 30 Page - Linear Technology

Part # LT1357
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT1357 Datasheet HTML 26Page - Linear Technology LT1357 Datasheet HTML 27Page - Linear Technology LT1357 Datasheet HTML 28Page - Linear Technology LT1357 Datasheet HTML 29Page - Linear Technology LT1357 Datasheet HTML 30Page - Linear Technology LT1357 Datasheet HTML 31Page - Linear Technology LT1357 Datasheet HTML 32Page - Linear Technology LT1357 Datasheet HTML 33Page - Linear Technology LT1357 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LTC2335-18
30
233518f
For more information www.linear.com/LTC2335-18
circuitry is turned off, including circuits associated with
sampling the analog input signals. Nap mode is enabled
by keeping CNV high between conversions, as shown in
Figure 14. To initiate a new conversion after entering nap
mode, bring CNV low and hold for at least 420ns before
bringingithighagain.Theconverteracquisitiontime(tACQ)
is set by the CNV low time (tCNVL) when using nap mode.
Power Down Mode
When PD is brought high, the LTC2335-18 is powered
down and subsequent conversion requests are ignored. If
this occurs during a conversion, the device powers down
once the conversion completes. In this mode, the device
draws only a small regulator standby current resulting in a
typical power dissipation of 0.36mW. To exit power down
mode, bring the PD pin low and wait at least 10ms before
initiating a conversion. When employing the internal refer-
ence buffer, allow 200ms for the buffer to power up and
recharge the REFBUF bypass capacitor. Any conversion
initiated before these times will produce invalid results.
applicaTions inForMaTion
Reset Timing
A global reset of the LTC2335-18, equivalent to a power-
on-reset event, may be executed without needing to cycle
the supplies. This feature is useful when recovering from
system-level events that require the state of the entire sys-
tem to be reset to a known synchronized value. To initiate
a global reset, bring PD high twice without an intervening
conversion, as shown in Figure 15. The reset event is trig-
geredonthesecondrisingedgeofPD,andasynchronously
ends based on an internal timer. Reset clears all serial data
outputregistersandrestorestheinternalsequencerdefault
state of converting channels 0 through 7 sequentially, all
in SoftSpan 7. If reset is triggered during a conversion, the
conversion is immediately halted. The normal power down
behavior associated with PD going high is not affected by
reset. Once PD is brought low, wait at least 10ms before
initiating a conversion. When employing the internal refer-
ence buffer, allow 200ms for the buffer to power up and
recharge the REFBUF bypass capacitor. Any conversion
initiated before these times will produce invalid results.
Figure 15. Reset Timing for the LTC2335-18
CNV
tCONV
tCNVH
tPDH
tPDL
BUSY
RESET
RESET TIME
SET INTERNALLY
SECOND RISING EDGE OF
PD TRIGGERS RESET
PD
tWAKE
233518 F15
Figure 14. Nap Mode Timing for the LTC2335-18
CNV
tCONV
tACQ
BUSY
NAP
NAP MODE
tCNVL
233518 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com