Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 27 Page - Linear Technology

Part # LT1357
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT1357 Datasheet HTML 23Page - Linear Technology LT1357 Datasheet HTML 24Page - Linear Technology LT1357 Datasheet HTML 25Page - Linear Technology LT1357 Datasheet HTML 26Page - Linear Technology LT1357 Datasheet HTML 27Page - Linear Technology LT1357 Datasheet HTML 28Page - Linear Technology LT1357 Datasheet HTML 29Page - Linear Technology LT1357 Datasheet HTML 30Page - Linear Technology LT1357 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LTC2335-18
27
233518f
For more information www.linear.com/LTC2335-18
and 2ppm/°C (maximum) temperature coefficient for high
precision applications. The LTC6655-2.048 is fully speci-
fied over the H-grade temperature range, complementing
the extended temperature range of the LTC2335-18 up to
125°C.BypassingtheLTC6655-2.048witha2.7µFto100µF
ceramic capacitor close to the REFIN pin is recommended.
External Reference with Disabled Internal Buffer
The internal reference buffer supports VREFBUF = 4.4V
maximum. Grounding REFIN disables the internal buffer,
allowing REFBUF to be overdriven with an external refer-
ence voltage between 2.5V and 5V, as shown in Figure
10c. Maximum input signal swing and SNR are achieved
byoverdrivingREFBUFusinganexternal5Vreference.The
buffer feedback resistors load the REFBUF pin with 13kΩ
evenwhenthereferencebufferisdisabled.TheLTC6655-5
offers the same small size, accuracy, drift, and extended
temperature range as the LTC6655-2.048, and achieves
a typical SNR of 98.3dB when paired with the LTC2335-
18. Bypass the LTC6655-5 to GND (Pin 20) close to the
REFBUF pin with at least a 47μF ceramic capacitor (X7R,
10V, 1210 size or X5R, 10V, 0805 size) to absorb transient
conversion currents and minimize noise.
The LTC2335-18 converter draws a charge (QCONV) from
the REFBUF pin during each conversion cycle. On short
time scales most of this charge is supplied by the external
REFBUF bypass capacitor, but on longer time scales all of
the charge is supplied by either the reference buffer, or
when the internal reference buffer is disabled, the external
reference. This charge draw corresponds to a DC current
equivalentofIREFBUF=QCONV • fSMPL,whichisproportional
to sample rate. In applications where a burst of samples
is taken after idling for long periods of time, as shown in
Figure 11, IREFBUF quickly transitions from approximately
0.4mA to 1.1mA (VREFBUF = 5V, fSMPL = 1Msps). This
current step triggers a transient response in the external
reference that must be considered, since any deviation in
VREFBUFaffectsconverteraccuracy.Ifanexternalreference
is used to overdrive REFBUF, the fast settling LTC6655
family of references is recommended.
Internal Reference Buffer Transient Response
Foroptimumperformanceinapplicationsemployingburst
sampling, the external reference with internal reference
bufferconfigurationshouldbeused.Theinternalreference
buffer incorporates a proprietary design that minimizes
movements in VREFBUF when responding to a burst of
applicaTions inForMaTion
Figure 11. CNV Waveform Showing Burst Sampling
Figure 10c. External Reference with Disabled Internal
Buffer Configuration
CNV
IDLE
PERIOD
IDLE
PERIOD
233518 F11
233518 F10c
47µF
6.5k
20k
LTC2335-18
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
LTC6655-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com