Electronic Components Datasheet Search
  English  ▼

X  

LTC4229 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4229
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4229 Datasheet HTML 2Page - Linear Technology LTC4229 Datasheet HTML 3Page - Linear Technology LTC4229 Datasheet HTML 4Page - Linear Technology LTC4229 Datasheet HTML 5Page - Linear Technology LTC4229 Datasheet HTML 6Page - Linear Technology LTC4229 Datasheet HTML 7Page - Linear Technology LTC4229 Datasheet HTML 8Page - Linear Technology LTC4229 Datasheet HTML 9Page - Linear Technology LTC4229 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4236
6
4236f
For more information www.linear.com/LTC4236
Typical perForMance characTerisTics
Hot Swap Gate Voltage vs Current
Hot Swap Gate Voltage vs IN
Voltage
CPO Voltage vs Current
Diode Gate Voltage vs Current
Diode Gate Voltage vs IN Voltage
FAULT, PWRGD, DSTAT1, DSTAT2
Output Low Voltage vs Current
IN Supply Current vs Voltage
SENSE+ Current vs Voltage
OUT Current vs Voltage
TA = 25°C, VIN = 12V, unless otherwise noted.
VIN (V)
0
3.5
3
2
1
2.5
1.5
0.5
0
6
12
4236 G01
18
3
15
9
VSENSE+ = VIN – 0.5V
VOUT = 12V
VOUT = 0V
VOUT = 3.3V
VSENSE+ (V)
0
1.4
1.2
0.8
0.4
1
0.6
0.2
0
6
12
4236 G02
18
3
15
9
VOUT (V)
0
3.5
3
2
1
2.5
1.5
0.5
–0.5
0
6
12
4236 G03
18
3
15
9
VIN = 12V, VSENSE+ = 11.5V
IHGATE (µA)
0
14
12
10
8
6
4
2
0
–4
–8
4236 G04
–12
–2
–10
–6
VOUT = VIN
VIN = 12V
VIN = 2.9V
VIN (V)
0
14
12
10
8
6
4
6
12
4236 G05
18
3
15
9
VOUT = VIN
ICPO (µA)
0
12
0
10
8
6
4
2
–2
–40
–120
–80
4236 G06
–140
–20
–100
–60
VIN = 18V
VIN = 2.9V
IDGATE (µA)
0
12
0
10
8
6
4
2
–2
–40
–120
–80
4236 G07
–140
–20
–100
–60
VSENSE+ = VIN – 0.15V
VIN = 18V
VIN = 2.9V
VIN (V)
0
14
12
10
8
6
4
6
12
4236 G08
18
3
15
9
VSENSE+ = VIN – 0.15V
CURRENT (mA)
0
1
0.6
0.2
0.8
0.4
0
2
4
4236 G09
5
1
3
VIN = 12V
VIN = 2.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com