Electronic Components Datasheet Search
  English  ▼

X  

LTC4229 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4229
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 1 Page - Linear Technology

  LTC4229 Datasheet HTML 1Page - Linear Technology LTC4229 Datasheet HTML 2Page - Linear Technology LTC4229 Datasheet HTML 3Page - Linear Technology LTC4229 Datasheet HTML 4Page - Linear Technology LTC4229 Datasheet HTML 5Page - Linear Technology LTC4229 Datasheet HTML 6Page - Linear Technology LTC4229 Datasheet HTML 7Page - Linear Technology LTC4229 Datasheet HTML 8Page - Linear Technology LTC4229 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4236
1
4236f
For more information www.linear.com/LTC4236
Typical applicaTion
FeaTures
DescripTion
Dual Ideal Diode-OR and
Single Hot Swap Controller
with Current Monitor
The LTC®4236 offers ideal diode-OR and Hot Swap func-
tions for two power rails by controlling external N-channel
MOSFETs. MOSFETs acting as ideal diodes replace two
high power Schottky diodes and the associated heat sinks,
saving power and board area. A Hot Swap control MOSFET
allows a board to be safely inserted and removed from a
livebackplanebylimitinginrushcurrent.Thesupplyoutput
is also protected against short-circuit faults with a fast
acting foldback current limit and electronic circuit breaker.
The LTC4236 regulates the forward voltage drop across
theidealdiodeMOSFETstoensuresmoothcurrenttransfer
from one supply to the other without oscillation. The ideal
diode MOSFETs turn on quickly to reduce the load voltage
droop during supply switchover. If the input supply fails
or is shorted, a fast turn-off minimizes reverse current
transients.
A current sense amplifier translates the voltage across the
senseresistortoagroundreferencedsignal.TheLTC4236
provides adjustable start-up delay, turn-on/-off control,
and reports fault and power good status for the supply.
applicaTions
n
Ideal Diode-OR and Inrush Current Control for
Redundant Supplies
n
Low Loss Replacement for Power Schottky Diodes
n
Enables Safe Board Insertion into a Live Backplane
n
2.9V to 18V Operating Range
n
Current Monitor Output
n
Controls N-Channel MOSFETs
n
Limits Peak Fault Current in ≤ 1µs
n
Adjustable Current Limit with Foldback
n
Adjustable Start-Up and Current Limit Fault Delay
n
0.5µs Ideal Diode Turn-On and Turn-Off Time
n
Smooth Switchover without Oscillation
n
Fault, Power Good and Diode Status Outputs
n
LTC4236-1: Latch Off After Fault
n
LTC4236-2: Automatic Retry After Fault
n
28-Pin 4mm x 5mm QFN Package
n
Redundant Power Supplies
n
High Availability Systems and Servers
n
Telecom and Network Infrastructure
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 7920013, 8022679.
Ideal Diode-OR with Hot Swap Application
+
ADC
SENSE+
SENSE–
CS+
12V
12V
CPO1
GND
ON
13.7k
CLOAD
12V
7A
2k
INTVCC
D2OFF
IN1 DGATE1
DGATE2
LTC4236
4236 TA01a
SiR158DP
SiR158DP
0.003
HGATE OUT
CPO2
0.1µF
IN2
D2SRC
0.1µF
SiR158DP
EN
0.1µF
0.1µF
DTMR
0.1µF
FTMR
REG
0.1µF
FAULT
PWRGD
DSTAT1
DSTAT2
FB
15k
2k
IMON
Smooth Supply Switchover
200ms/DIV
IN1
1V/DIV
IN2
1V/DIV
IN2
IN1
IIN1
2A/DIV
IIN2
2A/DIV
4236 TA01b


Similar Part No. - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
Single Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4229 AD-LTC4229 Datasheet
1Mb / 22P
Micropower Hot Swap Controller
08/19-REV.B
logo
Linear Technology
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
Ideal Diode and Hot Swap Controller
More results

Similar Description - LTC4229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
Dual Ideal Diode and Single Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
Dual Ideal Diode and Single Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
Single Ideal Diode and Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4235 LINER-LTC4235 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com