Electronic Components Datasheet Search
  English  ▼

X  

LTC4229 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4229
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4229 Datasheet HTML 16Page - Linear Technology LTC4229 Datasheet HTML 17Page - Linear Technology LTC4229 Datasheet HTML 18Page - Linear Technology LTC4229 Datasheet HTML 19Page - Linear Technology LTC4229 Datasheet HTML 20Page - Linear Technology LTC4229 Datasheet HTML 21Page - Linear Technology LTC4229 Datasheet HTML 22Page - Linear Technology LTC4229 Datasheet HTML 23Page - Linear Technology LTC4229 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4236
24
4236f
For more information www.linear.com/LTC4236
LINEAR TECHNOLOGY CORPORATION 2015
LT 1215 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ●www.linear.com/LTC4236
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC4210
Single Channel Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, TSOT23-6
LTC4211
Single Channel Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control, MSOP-8, SO-8 or MSOP-10
LTC4215
Single Channel Hot Swap Controller
Operates from 2.9V to 15V, I2C Compatible Monitoring, SSOP-16 or QFN-24
LTC4216
Single Channel Hot Swap Controller
Operates from 0V to 6V, Active Current Limiting, MSOP-10 or DFN-12
LTC4218
Single Channel Hot Swap Controller
Operates from 2.9V to 26.5V, Active Current Limiting, SSOP-16 or DFN-16
LTC4221
Dual Channel Hot Swap Controller
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4222
Dual Channel Hot Swap Controller
Operates from 2.9V to 29V, I2C Compatible Monitoring, SSOP-36 or QFN-32
LTC4223
Dual Supply Hot Swap Controller
Controls 12V and 3.3V, Active Current Limiting, SSOP-16 or DFN-16
LTC4224
Dual Channel Hot Swap Controller
Operates from 1V to 6V, Active Current Limiting, MSOP-10 or DFN-10
LTC4227
Dual Ideal Diode and Single Hot Swap Controller
Operates from 2.9V to 18V, Controls Three N-Channels, SSOP-16 or QFN-20
LTC4228
Dual Ideal Diode and Hot Swap Controller
Operates from 2.9V to 18V, Controls Four N-Channels, SSOP-28 or QFN-28
LTC4229
Ideal Diode and Hot Swap Controller
Operates from 2.9V to 18V, Controls Two N-Channels, SSOP-24 or QFN-24
LTC4235
Dual 12V Ideal Diode-OR and Single Hot Swap
Controller with Current Monitor
Operates from 9V to 14V, Controls Three N-Channels, QFN-20
LTC4352
Low Voltage Ideal Diode Controller
Operates from 0V to 18V, Controls N-Channel, MSOP-12 or DFN-12
LTC4353
Dual Low Voltage Ideal Diode Controller
Operates from 0V to 18V, Controls Two N-Channels, MSOP-16 or DFN-16
LTC4355
Positive High Voltage Ideal Diode-OR and Monitor Operates from 9V to 80V, Controls Two N-Channels, SO-16, DFN-14 or MSOP-16
LTC4357
Positive High Voltage Ideal Diode Controller
Operates from 9V to 80V, Controls N-Channel, MSOP-8 or DFN-6
ADC
CL
1000µF
12V
5A
R1
2k
BULK
SUPPLY
BYPASS
CAPACITOR
+
R2
13.7k
C5
0.1µF
BULK
SUPPLY
BYPASS
CAPACITOR
BACKPLANE
VIN1
12V
VIN2
12V
PLUG-IN
CARD
CPO1
GND
ON
FAULT
PWRGD
DSTAT1
DSTAT2
EN
INTVCC
D2OFF
IN1 DGATE1
DGATE2
4236 TA03
MD2
SiR158DP
MH
SiR158DP
RS
0.004
HGATE OUT
FB
D2SRC
CPO2
C3
0.1µF
IN2
R4
15k
R3
2k
RH
10
RHG
1k
CHG
10nF
C2
0.1µF
C1
0.1µF
MD1
SiR158DP
DTMR
CFT
0.1µF
FTMR
IMON
LTC4236
SENSE+
SENSE–
C4
0.1µF
REG
CS+
12V, 5A Backplane Resident Ideal Diode-OR Application with Inrush Current Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com