Electronic Components Datasheet Search
  English  ▼

X  

LTC4229 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4229
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 3 Page - Linear Technology

  LTC4229 Datasheet HTML 1Page - Linear Technology LTC4229 Datasheet HTML 2Page - Linear Technology LTC4229 Datasheet HTML 3Page - Linear Technology LTC4229 Datasheet HTML 4Page - Linear Technology LTC4229 Datasheet HTML 5Page - Linear Technology LTC4229 Datasheet HTML 6Page - Linear Technology LTC4229 Datasheet HTML 7Page - Linear Technology LTC4229 Datasheet HTML 8Page - Linear Technology LTC4229 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4236
3
4236f
For more information www.linear.com/LTC4236
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VIN
Input Supply Range
l
2.9
18
V
IIN
Input Supply Current
l
2.7
4
mA
VINTVCC
Internal Regulator Voltage
I = 0, –500µA
l
4.5
5
5.5
V
VINTVCC(UVL)
Internal VCC Undervoltage Lockout
INTVCC Rising
l
2.1
2.2
2.3
V
∆VINTVCC(HYST) Internal VCC Undervoltage Lockout Hysteresis
l
30
60
90
mV
Ideal Diode Control
∆VFWD(REG)
Forward Regulation Voltage
(VINn – VSENSE+)
l
2
15
28
mV
∆VDGATE
External N-Channel Gate Drive
(VDGATE1 – VIN1) and (VDGATE2 – VD2SRC)
IN < 7V, ∆VFWD = 0.15V; I = 0, –1µA
IN = 7V to 18V, ∆VFWD = 0.15V; I = 0, –1µA
l
l
5
10
7
12
14
14
V
V
∆VDGATE(ST)
Diode MOSFET On Detect Threshold
(VDGATE1 – VIN1) and (VDGATE2 – VD2SRC)
DSTAT Pulls Low, ∆VFWD = 50mV
l
0.3
0.7
1.1
V
ID2SRC
D2SRC Pin Current
D2SRC = 0V
l
–90
–130
µA
ICPO(UP)
CPOn Pull-Up Current
CPO = IN = D2SRC = 2.9V
CPO = IN = D2SRC = 18V
l
l
–60
–50
–100
–90
–130
–120
µA
µA
IDGATE(FPU)
DGATEn Fast Pull-Up Current
∆VFWD = 0.2V, ∆VDGATE = 0V, CPO = 17V
–1.5
A
IDGATE(FPD)
DGATEn Fast Pull-Down Current
∆VFWD = –0.2V, ∆VDGATE = 5V
1.5
A
IDGATE2(DN)
DGATE2 Off Pull-Down Current
D2OFF = 2V, ∆VDGATE2 = 2.5V
l
50
100
200
µA
tON(DGATE)
DGATEn Turn-On Delay
∆VFWD = 0.2V , CDGATE = 10nF
l
0.25
0.5
µs
tOFF(DGATE)
DGATEn Turn-Off Delay
∆VFWD = –0.2V, CDGATE = 10nF
l
0.2
0.5
µs
tPLH(DGATE2)
D2OFF Low to DGATE2 High
l
50
100
µs
Hot Swap Control
∆VSENSE(TH)
Current Limit Sense Voltage Threshold
(VSENSE+ – VSENSE–)
FB = 1.3V
FB = 0V
l
l
22.5
5.8
25
8.3
27.5
10.8
mV
mV
VSENSE+(UVL)
SENSE+ Undervoltage Lockout
SENSE+ Rising
l
1.8
1.9
2
V
∆VSENSE+(HYST) SENSE+ Undervoltage Lockout Hysteresis
l
10
50
90
mV
ISENSE+
SENSE+ Pin Current
SENSE+ = 12V
l
0.3
0.8
1.3
mA
ISENSE–
SENSE– Pin Current
SENSE– = 12V
l
10
40
100
µA
ICS+
CS+ Pin Current
CS+ = 12V, ∆VSENSE = 0V
l
±1
µA
∆VHGATE
External N-Channel Gate Drive
(VHGATE – VOUT)
IN < 7V, I = 0, –1µA
IN = 7V to 18V, I = 0, –1µA
l
l
5
10
7
12
14
14
V
V
∆VHGATE(H)
Gate High Threshold (VHGATE – VOUT)
l
3.6
4.2
4.8
V
IHGATE(UP)
External N-Channel Gate Pull-Up Current
Gate Drive On, HGATE = 0V
l
–7
–10
–13
µA
IHGATE(DN)
External N-Channel Gate Pull-Down Current Gate Drive Off, OUT = 12V,
HGATE = OUT + 5V
l
1
2
4
mA
IHGATE(FPD)
External N-Channel Gate Fast Pull-Down
Current
Fast Turn-Off, OUT = 12V,
HGATE = OUT + 5V
l
100
200
350
mA
tPHL(SENSE)
Sense Voltage (SENSE+ – SENSE–)
High to HGATE Low
∆VSENSE = 200mV, CHGATE = 10nF
l
0.5
1
µs
tOFF(HGATE)
ON Low to HGATE Low
EN High to HGATE Low
SENSE+ Low to HGATE Low
SENSE+ UVLO
l
l
l
10
20
10
20
40
20
µs
µs
µs
tD(HGATE)
ON High, EN Low to HGATE Turn-On Delay DTMR = INTVCC
l
50
100
150
ms
tP(HGATE)
ON to HGATE Propagation Delay
ON = Step 0.8V to 2V
l
10
20
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com