Electronic Components Datasheet Search
  English  ▼

X  

LTC4302CMS-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4302CMS-2
Description  Addressable 2-Wire Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302CMS-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4302CMS-2 Datasheet HTML 9Page - Linear Technology LTC4302CMS-2 Datasheet HTML 10Page - Linear Technology LTC4302CMS-2 Datasheet HTML 11Page - Linear Technology LTC4302CMS-2 Datasheet HTML 12Page - Linear Technology LTC4302CMS-2 Datasheet HTML 13Page - Linear Technology LTC4302CMS-2 Datasheet HTML 14Page - Linear Technology LTC4302CMS-2 Datasheet HTML 15Page - Linear Technology LTC4302CMS-2 Datasheet HTML 16Page - Linear Technology LTC4302CMS-2 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4302-1/LTC4302-2
13
sn430212 430212fs
Data Transfer Timing for Write Commands
In order to help ensure that bad data is not written into the
LTC4302, data from a write command is only stored after
a valid Stop Bit has been performed. If a Start Bit occurs
after new data bytes have been written but before a Stop
Bit is issued, the new data bytes are lost. In this case, the
master must readdress the part, rewrite the data bytes and
issue a Stop Bit before issuing any Start Bits to properly
update the registers. Also note that driving the CONN pin
low asynchronously resets the registers to their default
states, as specified in Tables 2 and 3. When CONN is driven
back high, the registers remain in the default state.
Reading from the LTC4302
The LTC4302 can be read using three different formats, as
shown in Figures 7 through 9. Each format begins with a
Start Bit, followed by the Address Byte, as discussed
above. The procedure for reading one data byte is given by
the SMBus Receive Byte protocol, illustrated in Figure 7.
The bits of the Data Byte are read from the LTC4302’s
Register 1. Table 2 defines the functions of these control
bits. While only the first 3 bits of Register 1 can be written,
the first 5 bits contain useful information to be read. The
two added bits indicate the logic state of the GPIO pins.
The 3 LSBs are not used and are always “000.”
The format for reading two data bytes is shown in Figure
8. The Address Byte and first Data Byte are exactly the
same as they are for the Receive Byte protocol. After the
first Data Byte, the master transmits an Acknowledge
indicating that it wants to read another data byte. The bits
contained in Register 2 are then written onto the bus as
“Data Byte 2.” Table 3 defines the functions of these
control bits. The 2 LSB’s are not used and are always “11.”
The master signals a not acknowledge after the last
byte read.
The SMBus Read Word protocol can also be used to read
two bytes from the LTC4302, as shown in Figure 9. Note
that the first Address Byte and the Command Code consti-
tute a write operation. However, because these bytes are
followed immediately by a Start Bit and not a Stop Bit, the
data contained in the Command Code is not written into
the LTC4302. After the second Start Bit, the format is
exactly the same as shown in Figure 8.
OPERATIO
START
ACK
11 a4 - a0
WR
XXXXXXXX
1
1
71
8
S
00
ACK
1
S
0
COMMAND
CODE
SLAVE
ADDRESS
START
ACK
11 a4 - a0
RD
d7 - d3 000
1
1
71
8
S
10
ACK
1
M
0
DATA
BYTE 1
d7 - d2 11
8
1
M
1
STOP
1
DATA
BYTE 2
SLAVE
ADDRESS
4302 F09
ACK
Figure 9. Reading Two Bytes Using SMBus Read Word Protocol
START
ACK
11 a4 - a0
RD
d7 - d3 000
1
1
71
8
S
10
ACK
1
M
1
DATA
BYTE
SLAVE
ADDRESS
STOP
1
4302 F07
Figure 7. Reading One Byte Using Receive Byte Protocol
START
ACK
11 a4 - a0
RD
d7 - d3 000
1
1
71
8
S
10
ACK
1
M
0
DATA
BYTE 1
d7 - d2 11
8
1
M
1
DATA
BYTE 2
SLAVE
ADDRESS
STOP
1
4302 F08
ACK
Figure 8. Reading Two Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com