Electronic Components Datasheet Search
  English  ▼

X  

LTC4302CMS-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4302CMS-2
Description  Addressable 2-Wire Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302CMS-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4302CMS-2 Datasheet HTML 2Page - Linear Technology LTC4302CMS-2 Datasheet HTML 3Page - Linear Technology LTC4302CMS-2 Datasheet HTML 4Page - Linear Technology LTC4302CMS-2 Datasheet HTML 5Page - Linear Technology LTC4302CMS-2 Datasheet HTML 6Page - Linear Technology LTC4302CMS-2 Datasheet HTML 7Page - Linear Technology LTC4302CMS-2 Datasheet HTML 8Page - Linear Technology LTC4302CMS-2 Datasheet HTML 9Page - Linear Technology LTC4302CMS-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4302-1/LTC4302-2
6
sn430212 430212fs
BLOCK DIAGRA S
LTC4302-1 Addressable 2-Wire Bus Buffer
–
+
1
µs
FILTER
5-BIT
A/D
ADDRESS
DECODER
100ns GLITCH
FILTER
UVLO
ADDRESS
FIXED BITS
“11”
INACC
OUTACC
CONNECT
2-WIRE
DIGITAL
INTERFACE
–
+
100ns GLITCH
FILTER
SLEW RATE
DETECTOR
2mA
2mA
2.5V/
2.35V
VCC
CONN
8
3
ADDRESS
4
SCLIN
INACC
RLIM
50k
2pF
VCC
SDAIN
0.55VCC
0.45VCC
GND
4302 BD1
5
SCLOUT
9
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
1V
PRECHARGE
UVLO
SDAIN
SDAOUT
SCLIN
SCLOUT
100k
100k
2mA
OUTACC
SLEW RATE
DETECTOR
SDAIN
INACC
SDAOUT
10
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
2mA
OUTACC
100k
100k
1
2
–
+
VCC
DATA IN2
DIR2
OUT CFG2
GPIO2
7
VCC
DATA IN1
DIR1
OUT CFG1
GPIO1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com