Electronic Components Datasheet Search
  English  ▼

X  

LTC4302CMS-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4302CMS-2
Description  Addressable 2-Wire Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302CMS-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4302CMS-2 Datasheet HTML 1Page - Linear Technology LTC4302CMS-2 Datasheet HTML 2Page - Linear Technology LTC4302CMS-2 Datasheet HTML 3Page - Linear Technology LTC4302CMS-2 Datasheet HTML 4Page - Linear Technology LTC4302CMS-2 Datasheet HTML 5Page - Linear Technology LTC4302CMS-2 Datasheet HTML 6Page - Linear Technology LTC4302CMS-2 Datasheet HTML 7Page - Linear Technology LTC4302CMS-2 Datasheet HTML 8Page - Linear Technology LTC4302CMS-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4302-1/LTC4302-2
5
sn430212 430212fs
PI FU CTIO S
SDAIN (Pin 1): Serial Data Input. Connect this pin to the
SDA bus on the backplane. Do not float.
SCLIN (Pin 2): Serial Clock Input. Connect this pin to the
SCL bus on the backplane. Do not float.
CONN (Pin 3): Register Reset and Connection Sense
Input. Driving this pin low resets the registers to their
default state: GPIOs in output open-drain high impedance
mode, rise time accelerators disabled and the input-to-
output connection disabled. Communication with the
LTC4302-1/LTC4302-2 is disabled when CONN is low.
When CONN is brought back high, the registers remain in
the default state and communication is enabled.
ADDRESS (Pin 4): 2-Wire Address Programming Input.
The 2-wire address is programmed by connecting
ADDRESS to a resistive divider between VCC and ground.
The voltage on ADDRESS is converted by an internal
analog-to-digital (A/D) converter into a 5-bit digital word.
This resulting digital code represents the least significant
five bits of the 2-wire address. 1% resistors must be used
to ensure accurate address programming. 32 unique
addresses are possible. See Table 1 for 1% resistor values
and corresponding addresses. Care must also be taken to
minimize capacitance on ADDRESS. Resistors must be
placed close to the LTC4302-1/LTC4302-2’s VCC, GND
and ADDRESS pins.
GND (Pin 5): Ground. Connect this pin to a ground plane
for best results.
GPIO1 (Pin 6): General Purpose Input/Output (GPIO1).
GPIO1 can be used as an input, an open-drain output or a
push-pull output. The N-Channel MOSFET pulldown de-
vice is capable of driving LEDs. When used in input or
open-drain output mode, the I/O pin can be pulled up to a
supply voltage ranging from 2.2V to 5.5V independent of
the VCC voltage.
GPIO2 (Pin 7, LTC4302-1): General Purpose Input/Out-
put. GPIO2 can be used as an input, an open-drain output,
or a push-pull output. The N-Channel MOSFET pulldown
device is capable of driving LED’s. When used in input or
open-drain output mode, the I/O pin can be pulled up to a
supply voltage ranging from 2.2V to 5.5V independent of
the VCC voltage.
VCC2 (Pin 7, LTC4302-2): Card Side Supply Voltage. This
pin is a power supply pin for the card side busses. Connect
VCC2 to the card’s VCC and connect a bypass capacitor of
at least 0.01
µF directly between VCC2 and GND for best
results.
VCC (Pin 8): Main Input Power Supply from Backplane.
Connect a bypass capacitor of at least 0.01
µF directly
between VCC and GND for best results.
SCLOUT (Pin 9): Serial Clock Output. Connect this pin to
the SCL bus on the I/O card. Do not float.
SDAOUT (Pin 10): Serial Data Output. Connect this pin to
the SDA bus on the I/O card. Do not float.
tSU, DAT
tSU,STO
tSU,STA
tBUF
tHD,STA
tSP
tSP
tHD,DATO,
tHD,DATI
tHD,STA
tf
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
4302 TD01
SDA
SCL
TI I G DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com