Electronic Components Datasheet Search
  English  ▼

X  

UX-120 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # UX-120
Description  VHF MARINE TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UX-120 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button UX-120 Datasheet HTML 17Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 18Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 19Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 20Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 21Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 22Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 23Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 24Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
D Receiving a geographical area call
While monitoring channel 70 and a geographical area call (for
the area you are in) is received:
➥ Emergency alarm or beeps
sound depending on the re-
ceived category.
➥ “RCV” and “GEO” appear in
the display; then, the channel
specified by the calling station
is automatically selected for
voice communications.
➥ Monitor the selected channel for an announcement from
the calling ship.
NOTE: When no GPS receiver is connected or if there is a
problem with the connected receiver, all geographical area
calls are received, regardless of your position.
D Receiving an individual call
When receiving an individual call, an acknowledgement must be
sent back to the calling station within 4.5 min. Operation and
transceiver function differs depending on the SET mode settings.
Two messages can be selected for acknowledgement:
•“Able to comply” ..............You can communicate with the
calling vessel via the mic after a DSC connection.
•“Unable to comply”...........You cannot communicate with
the calling vessel after a DSC connection (e.g. opera-
tor leaves transceiver).
While monitoring channel 70 and an individual call is
received:
➥ Emergency alarm or beeps sound depending on the re-
ceived category.
➥ “RCV” and “Ind” appear in the
display.
➥ The channel specified by the
calling station is automatically
selected for checking the
channel
condition
(except
when full automatic acknowl-
edgement is selected).
➥ Proceed as follows on the next page according to your pre-
set conditions.
4
DIGITAL SELECTIVE CALLING
17
USA
RCV
BUSY
USA
LOW
RCV
RCV
USA
USA
RCV
BUSY
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com