Electronic Components Datasheet Search
  English  ▼

X  

UX-120 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UX-120
Description  VHF MARINE TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UX-120 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UX-120 Datasheet HTML 7Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 8Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 9Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 10Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 11Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 12Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 13Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 14Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
3
BASIC OPERATION
7
D U.S.A., Canadian and international channels
There are 61 U.S.A., 57 Canadian and 57 international chan-
nels. These channel groups may be specified for the operat-
ing area.
➀ Push [CH/WX] to select a regular channel.
• If a weather channel appears, push [CH/WX] again.
➁ Rotate the channel selector to select a channel.
•“DUP” appears for duplex channels.
➂ To change the channel group, push [CH/WX•U/I/C] for 1
sec.
• U.S.A., Canadian and international channels can be selected in
sequence.
D Weather channels
There are 10 weather channels. These are used for monitor-
ing NOAA (National Oceanographic and Atmospheric
Administration) weather broadcasts.
✔ CONVENIENT
Weather alert function: NOAA broadcast stations transmit
a weather alert tone before an important weather announce-
ment.
When the weather alert function is turned ON, the “ALT” indi-
cator flashes until any key is pushed.
This function is activated when a weather channel is selected
or during any scan. See “SET mode items” on p. 19.
USA
INT
DUP
CAN
TAG
U.S.A. channels
Push for 1 sec.
International channels
Canadian channels
U/I/C
CH/WX
Push
once or twice
WX
CH/WX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com