Electronic Components Datasheet Search
  English  ▼

X  

UX-120 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # UX-120
Description  VHF MARINE TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UX-120 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button UX-120 Datasheet HTML 28Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 29Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 30Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 31Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 32Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 33Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 34Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 35Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
SPECIFICATIONS
9
30
General
• Frequency coverage
: Transmit 156–157.5 MHz
Receive
156–163 MHz
• Usable channels
: All U.S.A., International and
Canadian channels plus 10
weather channels
• Mode
: 16K0G3E, (16K0G2B when
optional DSC is in use
)
• Power supply requirement
: 13.8 V DC ± 15%
• Current drain
: Transmit
(at 13.8 V DC)
high power
6.0 A
low power
1.5 A
Receive
standby
350 mA
max. audio output
1.2 A
• Frequency stability
: ± 10 ppm
• Usable temp. range
: –20°C to +60°C;
–4°F to +140°F
• Dimensions
: 140(W) x 55(H) x 155(D) mm
(projections not included)
51⁄2(W) x 25⁄32(H) x 63⁄32(D) in
• Weight
: 1.0 kg; 2.2 lb
Transmitter
• Output power
: High 25 W
Low 1 W
• Modulation system
: Variable reactance phase
modulation
• Max. frequency deviation : ±5.0 kHz
• Spurious emissions
: Less than –70 dB
• Microphone impedance : 600
Ω
Receiver
• Receive system
: Double conversion
superheterodyne
• Intermediate frequencies : 1st 21.8 MHz
2nd 455 kHz
• Sensitivity
: 0.22 µV (typical) for 12 dB SINAD
• Squelch sensitivity
: 0.18 µV at threshold
• Adjacent channel
: More than 70 dB
selectivity
• Spurious reponse
: More than 70 dB
rejection
• Intermodulation rejection : More than 70 dB
• Audio output power
: 3.5 W at 10% distortion
• Audio output impedance : 4
Ω
All stated specifications are subject to change without notice or
obligation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com