Electronic Components Datasheet Search
  English  ▼

X  

UX-120 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # UX-120
Description  VHF MARINE TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UX-120 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button UX-120 Datasheet HTML 9Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 10Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 11Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 12Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 13Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 14Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 15Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 16Page - List of Unclassifed Manufacturers UX-120 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
3
BASIC OPERATION
9
I Transmitting
Before transmitting, read the call procedures at right.
➀ Select an operating channel. See pgs. 6, 7 for details.
➁ Push [HI/LO] to select transmit output power.
•“LOW” appears when low output power is selected.
• High power cannot be selected on some channels. Refer to the
channel list on p. 29.
➂ Push and hold the PTT switch to transmit.
•“$” appears.
➃ Speak into the microphone at your normal voice level.
• Do not hold the microphone too closely to your mouth or speak
too loudly. This may distort the transmit signal.
➄ Release the PTT switch to receive.
IMPORTANT: In order to maximize the readability of your trans-
mitted signal, pause for a moment after pushing [PTT], hold the
microphone 15–20 cm from your mouth, then speak into the mi-
crophone at an even, normal voice level.
CALL PROCEDURES
You must identify yourself when you transmit and you must
respect time limits.
1) Give your call sign each time you call another vessel or
a coast station. If you have no call sign, identify the sta-
tion by giving the vessel name and the name of the li-
cense.
2) Give your call sign at the end of each transmission that
lasts more than 3 minutes.
3) You must pause and give your call sign at least once
every 15 minutes during long ship-to-shore calls.
4) Keep your calls short (less than 3 minutes). Wait 2 min-
utes before repeating a call.
5) Unnecessary transmissions are not allowed.
TIME-OUT TIMER (U.S.A. version only)
The transceiver has a time-out timer function to prevent
continuous, long transmissions. Transmit is automatically
inhibited after 5 min. of continuous transmission.
MOMENTARY HIGH POWER
On U.S.A. channels 13, 15 and 67, transmission using high
power is momentarily possible. To use high power, push
and hold [HI/LO] while transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com