Electronic Components Datasheet Search
  English  ▼

X  

LA-E65F Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LA-E65F
Description  white P-LCC-4 package, colorless clear resin
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E65F Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LA-E65F Datasheet HTML 3Page - OSRAM GmbH LA-E65F Datasheet HTML 4Page - OSRAM GmbH LA-E65F Datasheet HTML 5Page - OSRAM GmbH LA-E65F Datasheet HTML 6Page - OSRAM GmbH LA-E65F Datasheet HTML 7Page - OSRAM GmbH LA-E65F Datasheet HTML 8Page - OSRAM GmbH LA-E65F Datasheet HTML 9Page - OSRAM GmbH LA-E65F Datasheet HTML 10Page - OSRAM GmbH LA-E65F Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LA E65F
2003-09-22
7
Durchlassstrom
2)
Forward Current
2)
I
F = f (VF); TA =25 °C
Relative Lichtstärke
2)
Relative Luminous Intensity
2)
I
V/IV(50 mA) = f (IF); TA =25 °C
Relative Lichtstärke
2)
Relative Luminous Intensity
2)
I
V/IV(25 °C) = f (TA); IF =50 mA
10
10-3
10-2
-1
100
101
102
OHL00573
1.4
IF
VF
1.6
1.8
2.0
2.2
V 2.6
mA
OHL00572
-1
10
V (50 mA)
I
10
-3
-2
-1
0
1
10
10
10
10
10
0
10
1
10
2
5
5
5
55
mA
I
V
F
I
OHL00622
-40
0.5
T
˚C
V (25 ˚C)
I
IV
-20
0
20
40
60
100
0.7
0.9
1.1
1.3
1.5
1.7
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com