Electronic Components Datasheet Search
  English  ▼

X  

LA-E65F Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LA-E65F
Description  white P-LCC-4 package, colorless clear resin
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E65F Datasheet(HTML) 2 Page - OSRAM GmbH

  LA-E65F Datasheet HTML 1Page - OSRAM GmbH LA-E65F Datasheet HTML 2Page - OSRAM GmbH LA-E65F Datasheet HTML 3Page - OSRAM GmbH LA-E65F Datasheet HTML 4Page - OSRAM GmbH LA-E65F Datasheet HTML 5Page - OSRAM GmbH LA-E65F Datasheet HTML 6Page - OSRAM GmbH LA-E65F Datasheet HTML 7Page - OSRAM GmbH LA-E65F Datasheet HTML 8Page - OSRAM GmbH LA-E65F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2003-09-22
2
LA E65F
Anm.: -24-1 gesamter Farbbereich, Lieferung in Einzelgruppen (siehe Seite 5)
-24-1 gesamter Durchlassspannungsbereich, Lieferung in Einzelgruppen (siehe Seite 5)
Dimmverhältnis im Gleichstrom-Betrieb max. 5:1
Note: -24-1 Total color tolerance range, delivery in single groups (please see page 5)
-24-1 Total forward voltage tolerance, delivery in single groups (see page 5)
Dimming range for direct current mode max. 5:1
Bestellinformation
Ordering Information
Typ
Type
Emissions-
farbe
Color of
Emission
Lichtstärke
1)
Luminous
Intensity
1)
I
F =50 mA
I
V (mcd)
Lichtstrom
2)
Luminous Flux
2)
I
F =50 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LA E65F-CADA-24-1
amber
2800 …5600
5000 (typ.)
Q65110A0633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com