Electronic Components Datasheet Search
  English  ▼

X  

LA-E65F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LA-E65F
Description  white P-LCC-4 package, colorless clear resin
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E65F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LA-E65F Datasheet HTML 5Page - OSRAM GmbH LA-E65F Datasheet HTML 6Page - OSRAM GmbH LA-E65F Datasheet HTML 7Page - OSRAM GmbH LA-E65F Datasheet HTML 8Page - OSRAM GmbH LA-E65F Datasheet HTML 9Page - OSRAM GmbH LA-E65F Datasheet HTML 10Page - OSRAM GmbH LA-E65F Datasheet HTML 11Page - OSRAM GmbH LA-E65F Datasheet HTML 12Page - OSRAM GmbH LA-E65F Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2003-09-22
10
LA E65F
Empfohlenes Lötpaddesign
6) verwendbar fürTOPLED® und Power TOPLED®
IR Reflow Löten
Recommended Solder Pad
6) useable for TOPLED® and Power TOPLED®
IR Reflow Soldering
Empfohlenes Lötpaddesign
6)
Wellenlöten (TTW)
Recommended Solder Pad
6)
TTW Soldering
OHLPY440
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
0.8 (0.031)
2.3 (0.091)
3.3 (0.130)
Cu Fläche / 16 mm per pad
2
Cu-area
_
<
3.3 (0.130)
Kathode/
Cathode
Anode
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
0.7 (0.028)
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
OHAY1583
6.1 (0.240)
2.8 (0.110)
2.8 (0.110)
0.5 (0.020)
Solder resist
Lötstoplack
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
2
Cu Fläche / > 16 mm per pad
Cu-area
Anode
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
Cathode
Kathode/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com