Electronic Components Datasheet Search
  English  ▼

X  

SLE66R01PC Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 29Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 30Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 31Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 32Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 33Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 34Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 35Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 36Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
16-bit Value Counter Functionality
Data Book
33 / 55
2011-11-24
For an example: the value 1000
D = 03E8H -> Value Counter LS Byte = E8H and Value Counter MS Byte = 03H.
The Value Counter block looks like: Byte3 .. Byte0 = 000317E8
H; where 00H represents the data in byte3.
The temporarily double saving means that Value Counter is stored twice in two different memory blocks. Figure 17
shows an example for the Value Counter representation and the decrementing of the value 1000
D by 1D.
During the programming process of the new Value Counter, one block holds the current valid value and the other
block is used to write the new counter value. At the end of programming cycle the current valid value, becomes
an invalid value while it is erased (all bytes set to FF
H) and the other one holds the new valid value.
Figure 17
Value Counter decrement example
6.2
Loading and Reading of Value Counter
Loading of the Value Counter is done by either:
•
Using WR2B command to address 22
H:
– [A1
H] [22H] [CNT0H, CNT0H, CNT1H, 00H, FFH, FFH, FFH, FFH] [CRC0H, CRC1H]
•
Using two WR1B commands to address 22
H and 23H:
– [A2
H] [22H] [CNT0H,CNT0H,CNT1H, 00H] [CRC0H, CRC1H]
– [A2
H] [23H] [FFH,FFH,FFH,FFH] [CRC0H, CRC1H]
•
It is also possible to use Compatibility Write command to initialize the counter, but this is not recommended.
It is crucial to initialize both Value Counter blocks for the correct counter operation.
Reading of Value Counter is done by either:
•
Using RD2Bcommand to addresses 22
H:
– [31
H] [22H] [CRC0H, CRC1H]
•
Using RD4B command to addresses 22
H:
– [30
H] [22H] [CRC0H, CRC1H]
•
Using DCR16 command with parameter 0000
H:
– [D0
H] [0000H] [CRC0H, CRC1H]
E8H
1
st step
Block
22H
Block
23H
17H
03H
00H
FFH
FFH
FFH
FFH
valid counter
(start value)
E8H
2
nd step
Block
22H
Block
23H
17H
03H
00H
E7H
18H
03H
00H
valid counter
(start value)
valid counter
(new value)
FFH
3rd step
Block
22H
Block
23H
FFH
FFH
FFH
E7H
18H
03H
00H
erase
valid counter
(new value)
Value Counter decrement example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com