Electronic Components Datasheet Search
  English  ▼

X  

SLE66R01PC Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 42Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 43Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 44Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 45Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 46Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 47Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 48Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 49Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
Command Set
Data Book
46 / 55
2011-11-24
8.2.6
Set Password (SPWD)
The SPWD command writes a new 4 byte password to the dedicated password memory
1). The new written value
is transmitted in the response.
The SPWD command is always active independently of password configuration. If the SLE 66R01P and
SLE 66R01PN is configured for password protection, then the SPWD command can be executed only after a
successful password verification.
Figure 24
Set Password Command
1) For more information about password please read Chapter 5.
Table 20
Set Password (SPWD)
Command
Length
Code Parameter
Data
Integrity
Mechanism
Response
7 bytes
B1
H
n.a.
4 bytes data
2 bytes CRC
(1 parity bit per byte)
4 bytes data + 2 bytes
CRC or
NACK or
NR
Table 21
SPWD - behaviour in error case
Error / State
Idle/Halt
Ready
Active
Protected
Invalid Opcode
NR
NR
NR
NR
Parity, Miller
NR
NR
NACK1
NACK1
Command Length
NR
NR
NR
NR
CRC
NR
NR
NACK1
NACK1
The selected chip
is protected by
password
NR
NR
NACK0
n.a.
HV not OK
NR
NR
NR
NR
B1H
P0
CRC1
NACK
613µs
min.
86µs
4239 µs
56µs
Command ‚Set Password’
PICC Response
ISO/IEC 14443 Type A Reader
Please note: Timing is rounded i .e. it is not exact grid timing
P1
P2
P3
CRC 0
P0
CRC 1
P1
P2
P3
CRC0
528µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com