Electronic Components Datasheet Search
  English  ▼

X  

SLE66R01PC Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 41Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 42Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 43Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 44Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 45Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 46Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 47Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 48Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
Command Set
Data Book
45 / 55
2011-11-24
8.2.5
Write 2 Blocks (WR2B)
If write access is granted, i.e. if both addressed blocks are writable, the WR2B command is used to program two
blocks (8 bytes of data) to the specified address in the memory.
The Valid Address Range is 04
H-22H. Only even start addresses are allowed. If any other address is specified, the
SLE 66R01P and SLE 66R01PN responds with a NACK.
The WR2B command has the same programming time (approximately 4ms) for writing 8 bytes as the WR1B
command which writes 4 bytes of data to the specified memory.
Figure 23
Write 2 Blocks Command
Table 19
Write 2 Block (WR2B)
Command
Length
Code Parameter
Data
Integrity
Mechanism
Response
12 bytes
A1
H
Valid Address Range
04
H - 22H; only even
start addresses
allowed
8 bytes data
2 bytes CRC
(1 parity bit per byte)
ACK or
NACK or
NR
A1H
ADR
CRC0 CRC1
NACK
1038 µs
min.
86µs
4235 µs
56µs
Command ‚Write 2 Blocks’
PICC Response
ISO/IEC 14443 Type A Reader
Please note: Timing is rounded i .e. it is not exact grid timing
D0
D1
...
D7
ACK
56µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com