Electronic Components Datasheet Search
  English  ▼

X  

SLE66R01PC Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 1 Page - Infineon Technologies AG

  SLE66R01PC Datasheet HTML 1Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 2Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 3Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 4Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 5Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 6Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 7Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 8Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
C h i p C a r d & S e c u r i t y
D a t a B o o k
2011-11-24
S L E 6 6 R 0 1 P
S L E 6 6 R 0 1 P N
Intelligent 1216 bit EEPROM with
Contactless Interface compliant to
ISO/IEC 14443-3 Type A and support of
NFC Forum™ Type 2 Tag Operation
m y - d ™ m o v e
m y - d ™ m o v e N F C


Similar Part No. - SLE66R01PC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
Secure Mobile Solutions
2003-08-07
More results

Similar Description - SLE66R01PC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
logo
STMicroelectronics
M35101 STMICROELECTRONICS-M35101 Datasheet
30Kb / 2P
Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
M35102 STMICROELECTRONICS-M35102 Datasheet
30Kb / 2P
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
ST19WR02 STMICROELECTRONICS-ST19WR02 Datasheet
49Kb / 3P
Dual Contactless Smartcard MCU With 2 Kbytes EEPROM
Apr-2004
ST19XR08 STMICROELECTRONICS-ST19XR08 Datasheet
154Kb / 3P
Dual Contactless Smartcard MCU With 8 Kbytes EEPROM
Feb-2004
SR176 STMICROELECTRONICS-SR176_07 Datasheet
364Kb / 35P
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
10-Apr-2007
ST19WR02 STMICROELECTRONICS-ST19WR02_06 Datasheet
100Kb / 4P
Dual Contactless Smartcard MCU With 2 Kbytes EEPROM
27-Jan-2006
logo
EM Microelectronic - MA...
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
logo
SHANGHAI BELLING CO., L...
BL7448SM BELLING-BL7448SM Datasheet
225Kb / 7P
Intelligent 8K-bit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com