Electronic Components Datasheet Search
  English  ▼

X  

HMC1049 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC1049
Description  GaAs pHEMT MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1049 Datasheet(HTML) 4 Page - Analog Devices

  HMC1049 Datasheet HTML 1Page - Analog Devices HMC1049 Datasheet HTML 2Page - Analog Devices HMC1049 Datasheet HTML 3Page - Analog Devices HMC1049 Datasheet HTML 4Page - Analog Devices HMC1049 Datasheet HTML 5Page - Analog Devices HMC1049 Datasheet HTML 6Page - Analog Devices HMC1049 Datasheet HTML 7Page - Analog Devices HMC1049 Datasheet HTML 8Page - Analog Devices HMC1049 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HMC1049
Data Sheet
Rev. B | Page 4 of 14
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Drain Bias Voltage (VDD)
10 V
Drain Bias Voltage (RFOUT/VDD)
7 V
RF Input Power
18 dBm
Gate Bias Voltage, VGG
−2 V to +0.2 V
Channel Temperature
175°C
Continuous PDISS (T = 85°C)
(Derate 37.4 mW/°C Above 85°C)
3.4 W
Thermal Resistance (Channel to Die
Bottom)
26.7°C/W
Storage Temperature
−65°C to +150°C
Operating Temperature
−55°C to +85°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com