Electronic Components Datasheet Search
  English  ▼

X  

HMC1049 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC1049
Description  GaAs pHEMT MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1049 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC1049 Datasheet HTML 6Page - Analog Devices HMC1049 Datasheet HTML 7Page - Analog Devices HMC1049 Datasheet HTML 8Page - Analog Devices HMC1049 Datasheet HTML 9Page - Analog Devices HMC1049 Datasheet HTML 10Page - Analog Devices HMC1049 Datasheet HTML 11Page - Analog Devices HMC1049 Datasheet HTML 12Page - Analog Devices HMC1049 Datasheet HTML 13Page - Analog Devices HMC1049 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
HMC1049
Rev. B | Page 11 of 14
APPLICATION CIRCUIT
+
OPTION 1
VDD
OPTION 2
VDD
RFIN
VGG
ACG1
3
2
1
7
6
ACG3
ACG2
RFOUT
5
4
4.7µF
0.01µF
0.01µF
0.01µF
100pF
4.7µF
4.7µF
0.01µF
100pF
Figure 34. Typical Applications Circuit
ASSEMBLY DIAGRAM
3mil NOMINAL GAP
4.7µF
4.7µF
0.01µF
0.01µF
0.01µF
100pF
TO VGG SUPPLY
100pF
0.01µF
TO VDD SUPPLY
ALL BOND WIRES ARE
1mil DIAMETER
50Ω
TRANSMISSION
LINE
–
+
–
+
4.7µF
–
+
Figure 35. Assembly Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com