Electronic Components Datasheet Search
  English  ▼

X  

HMC1049 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1049
Description  GaAs pHEMT MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1049 Datasheet(HTML) 3 Page - Analog Devices

  HMC1049 Datasheet HTML 1Page - Analog Devices HMC1049 Datasheet HTML 2Page - Analog Devices HMC1049 Datasheet HTML 3Page - Analog Devices HMC1049 Datasheet HTML 4Page - Analog Devices HMC1049 Datasheet HTML 5Page - Analog Devices HMC1049 Datasheet HTML 6Page - Analog Devices HMC1049 Datasheet HTML 7Page - Analog Devices HMC1049 Datasheet HTML 8Page - Analog Devices HMC1049 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
HMC1049
Rev. B | Page 3 of 14
SPECIFICATIONS
TA = 25°C, VDD = 7 V, IDD = 70 mA.1
Table 1.
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
FREQUENCY RANGE
0.3
10
10
16
16
20
GHz
GAIN
12.5
16
12
14.5
11
13
dB
Gain Variation over Temperature
0.012
0.016
0.015
dB/°C
NOISE FIGURE
1.7
2.4
2
2.7
2.7
3.6
dB
RETURN LOSS
Input
17
14
14
dB
Output
12
17
17
dB
OUTPUT POWER
Output Power for 1 dB Compression
15
13
12
dBm
Saturated (PSAT)
18
16.5
15.5
dBm
Output Third-Order Intercept (IP3)2
27
25
23.5
dBm
TOTAL SUPPLY CURRENT (IDD) (VDD = 7 V)
70
70
70
mA
1
Adjust VGG between −2 V to 0 V to achieve IDD = 70 mA typical.
2
Measurement taken at POUT/tone = 4 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com