Electronic Components Datasheet Search
  English  ▼

X  

HMC1049 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC1049
Description  GaAs pHEMT MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1049 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC1049 Datasheet HTML 6Page - Analog Devices HMC1049 Datasheet HTML 7Page - Analog Devices HMC1049 Datasheet HTML 8Page - Analog Devices HMC1049 Datasheet HTML 9Page - Analog Devices HMC1049 Datasheet HTML 10Page - Analog Devices HMC1049 Datasheet HTML 11Page - Analog Devices HMC1049 Datasheet HTML 12Page - Analog Devices HMC1049 Datasheet HTML 13Page - Analog Devices HMC1049 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
HMC1049
Rev. B | Page 13 of 14
WIRE BONDING
RF bonds made with two 1 mil wires are recommended using
thermosonic bonding with a force of 40 grams (g) to 60 g. DC
bonds of 0.001 in. (0.025 mm) diameter, thermosonically bonded,
are recommended. Make ball bonds with a force of 40 g to 50 g
and wedge bonds at 18 g to 22 g. Make all bonds with a nominal
stage temperature of 150°C. To achieve reliable bonds, apply a
minimum amount of ultrasonic energy. Keep all bonds as short
as possible, less than 12 mil (0.31 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com