Electronic Components Datasheet Search
  English  ▼

X  

ICL232 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL232 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL232 Datasheet HTML 1Page - Renesas Technology Corp ICL232 Datasheet HTML 2Page - Renesas Technology Corp ICL232 Datasheet HTML 3Page - Renesas Technology Corp ICL232 Datasheet HTML 4Page - Renesas Technology Corp ICL232 Datasheet HTML 5Page - Renesas Technology Corp ICL232 Datasheet HTML 6Page - Renesas Technology Corp ICL232 Datasheet HTML 7Page - Renesas Technology Corp ICL232 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICL232
FN3020 Rev 8.00
Page 3 of 8
October 15, 2014
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .(GND -0.3V) < VCC < 6V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC -0.3V) < V+ < 12V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -12V < V- < (GND +0.3V)
Input Voltages
T1IN, T2IN . . . . . . . . . . . . . . . . . . . . . . . . . . . .(V- -0.3V) < VIN < (V+ +0.3V)
R1IN, R2IN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Output Voltages
T1OUT, T2OUT. . . . . . . . . . . . . . . . . . . . . . (V- -0.3V) < VTXOUT < (V+ +0.3V)
R1OUT, R2OUT . . . . . . . . . . . . . . . . . .(GND -0.3V) < VRXOUT < (VCC +0.3V)
Short Circuit Duration
T1OUT, T2OUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
R1OUT, R2OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Operating Conditions
Temperature Ranges
ICL232C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
SOIC Package (Note 4) . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . .+300°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
4.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications Test Conditions: VCC = +5V 10%, TA = Operating Temperature Range. Test Circuit as in Figure 2. Unless
otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Transmitter Output Voltage Swing, TOUT
T1OUT and T2OUT Loaded with 3kΩ to
Ground
5
9
10
V
Power Supply Current, ICC
Outputs Unloaded, TA = +25°C
-
5
10
mA
TIN, Input Logic Low, VlL
--
0.8
V
TIN, Input Logic High, VlH
2.0
-
-
V
Logic Pullup Current, IP
T1IN, T2IN = 0V
-
15
200
µA
RS-232 Input Voltage Range, VIN
-30
-
+30
V
Receiver Input Impedance, RIN
VIN = 3V
3.0
5.0
7.0
kΩ
Receiver Input Low Threshold, VlN (H-L)
VCC = 5V, TA = +25°C
0.8
1.2
-
V
Receiver Input High Threshold, VIN (L-H)
VCC = 5V, TA = +25°C
-
1.7
2.4
V
Receiver Input Hysteresis, VHYST
0.2
0.5
1.0
V
TTL/CMOS Receiver Output Voltage Low, VOL
IOUT = 3.2mA
-
0.1
0.4
V
TTL/CMOS Receiver Output Voltage High, VOH
IOUT = -1.0mA
3.5
4.6
-
V
Propagation Delay, tPD
RS-232 to TTL
-
0.5
-
µs
Instantaneous Slew Rate, SR
CL = 10pF, RL = 3kΩ, TA = +25°C
(Notes 5, 6)
-
-
30
V/µs
Transition Region Slew Rate, SRT
RL = 3kΩ, CL = 2500pF Measured from
+3V to -3V or -3V to +3V
-3
-
V/µs
Output Resistance, ROUT
VCC = V+ = V- = 0V, VOUT = 2V
300
-
-
Ω
RS-232 Output Short Circuit Current, ISC
T1OUT or T2OUT Shorted to GND
-
10
-
mA
NOTES:
5. Limit is not production tested. The maximum was established via characterization and/or design simulations.
6. See Figure 7 for definition.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com