Electronic Components Datasheet Search
  English  ▼

X  

ICL232 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL232 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICL232 Datasheet HTML 1Page - Renesas Technology Corp ICL232 Datasheet HTML 2Page - Renesas Technology Corp ICL232 Datasheet HTML 3Page - Renesas Technology Corp ICL232 Datasheet HTML 4Page - Renesas Technology Corp ICL232 Datasheet HTML 5Page - Renesas Technology Corp ICL232 Datasheet HTML 6Page - Renesas Technology Corp ICL232 Datasheet HTML 7Page - Renesas Technology Corp ICL232 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN3020 Rev 8.00
Page 1 of 8
October 15, 2014
FN3020
Rev 8.00
October 15, 2014
ICL232
+5V Powered, Dual RS-232 Transmitter/Receiver
DATASHEET
The ICL232 is a dual RS-232 transmitter/receiver interface
circuit that meets all ElA RS-232C and V.28 specifications. It
requires a single +5V power supply, and features two onboard
charge pump voltage converters which generate +10V and
-10V supplies from the 5V supply.
The drivers feature true TTL/CMOS input compatibility,
slew-rate-limited output, and 300Ω power-off source
impedance. The receivers can handle up to +30V, and have a
3kΩ to 7kΩ input impedance. The receivers also have
hysteresis to improve noise rejection.
Applications
• Any system requiring RS-232 communications port
- Computer - portable and mainframe
- Peripheral - printers and terminals
- Portable instrumentation
-Modems
• Dataloggers
Features
• Meets all RS-232C and V.28 specifications
• Requires only single +5V power supply
• Onboard voltage doubler/inverter
•Low power consumption
•2 drivers
-
9V output swing for +5V lnput
- 300Ω power-off source impedance
- Output current limiting
- TTL/CMOS compatible
- 30V/µs maximum slew rate
•2 Receivers
-
30V input voltage range
-3kΩ to 7kΩ input impedance
- 0.5V hysteresis to improve noise rejection
• All critical parameters are guaranteed over the entire
commercial, industrial and military temperature ranges
• Pb-free (RoHS compliant)
+5V
2
16
T1OUT
T2OUT
T1IN
T2IN
11
10
14
7
R1OUT
R1IN
13
12
R2OUT
R2IN
8
9
1µF
6
+
1µF
4
5
+
1µF
1
3
+
1µF
+
+
1.0µF
15
VCC
V+
T1
T2
+5V
400kΩ
+5V
400kΩ
R1
5kΩ
R2
5kΩ
+10V TO -10V
VOLTAGE INVERTER V-
C2+
C2-
+5V TO 10V
VOLTAGE INVERTER
C1+
C1-
FIGURE 1. FUNCTIONAL DIAGRAM


Similar Part No. - ICL232

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
ICL232CBE INTERSIL-ICL232CBE Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Harris Corporation
ICL232CBE HARRIS-ICL232CBE Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
More results

Similar Description - ICL232

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
5V Powered Dual RS-232 Transmitter/Receiver
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
Triple RS-232 Transmitter/Receiver
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
5V Powered, Dual RS-232 Transmitter/Receiver
June 2001
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
5V Powered RS-232 Transmitters/Receivers
September 26, 2008
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
5V-Powered, Multichannel RS-232
logo
Intersil Corporation
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com