Electronic Components Datasheet Search
  English  ▼

X  

ICL232 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL232 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICL232 Datasheet HTML 1Page - Renesas Technology Corp ICL232 Datasheet HTML 2Page - Renesas Technology Corp ICL232 Datasheet HTML 3Page - Renesas Technology Corp ICL232 Datasheet HTML 4Page - Renesas Technology Corp ICL232 Datasheet HTML 5Page - Renesas Technology Corp ICL232 Datasheet HTML 6Page - Renesas Technology Corp ICL232 Datasheet HTML 7Page - Renesas Technology Corp ICL232 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICL232
FN3020 Rev 8.00
Page 4 of 8
October 15, 2014
Test Circuits
FIGURE 2. GENERAL TEST CIRCUIT
FIGURE 3. POWER-OFF SOURCE RESISTANCE CONFIGURATION
Typical Performance Curves
FIGURE 4. V+, V- OUTPUT IMPEDANCES vs VCC
FIGURE 5. V+, V- OUTPUT VOLTAGES vs LOAD CURRENT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
+4.5V TO
+5.5V INPUT
3kΩ
T1 OUTPUT
RS-232
±30V INPUT
TTL/CMOS
OUTPUT
TTL/CMOS
INPUT
TTL/CMOS
INPUT
TTL/CMOS
OUTPUT
+
-
1µF
C3
+
-
1µF
C1
+
-
1µF
C2
1µF C4
3kΩ
T2 OUTPUT
RS-232
±30V INPUT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
T2OUT
T1OUT
VIN = 2V
A
ROUT = VIN/I
550
500
450
400
350
300
250
200
150
3
456
INPUT SUPPLY VOLTAGE VCC (V)
V- SUPPLY
V+ SUPPLY
OPERATING
RANGE
GUARANTEED
TA = +25°C
EXTERNAL SUPPLY LOAD
1kW BETWEEN V+ + GND
OR V- + GND
TRANSMITTER OUTPUT
OPEN CIRCUIT
10
|ILOAD| (mA)
V+ (VCC = 4.5V)
V+ (VCC = 5V)
V- (VCC = 5V)
V- (VCC = 4.5V)
TA = 25°C
TRANSMITTER OUTPUTS
OPEN CIRCUIT
9
8
7
6
5
4
3
2
1
0
3
10
9
8
7
6
5
4
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+ = 2VCC
GND
V- = -(V+)
C1+
C1
-
C2
-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 6. DUAL CHARGE PUMP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com