Electronic Components Datasheet Search
  English  ▼

X  

ICL232 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICL232
Description  5V Powered, Dual RS-232 Transmitter/Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL232 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICL232 Datasheet HTML 1Page - Renesas Technology Corp ICL232 Datasheet HTML 2Page - Renesas Technology Corp ICL232 Datasheet HTML 3Page - Renesas Technology Corp ICL232 Datasheet HTML 4Page - Renesas Technology Corp ICL232 Datasheet HTML 5Page - Renesas Technology Corp ICL232 Datasheet HTML 6Page - Renesas Technology Corp ICL232 Datasheet HTML 7Page - Renesas Technology Corp ICL232 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICL232
FN3020 Rev 8.00
Page 5 of 8
October 15, 2014
Detailed Description
The ICL232 is a dual RS-232 transmitter/receiver powered by a
single +5V power supply which meets all ElA RS232C
specifications and features low power consumption. Figure 1
illustrates the major elements of the ICL232. The circuit is divided
into three sections: a voltage doubler/inverter, dual transmitters,
and dual receivers.
Voltage Converter
An equivalent circuit of the dual charge pump is illustrated in
Figure 6.
The voltage quadrupler contains two charge pumps which use two
phases of an internally generated clock to generate +10V and
-10V. The nominal clock frequency is 16kHz. During phase one of
the clock, capacitor C1 is charged to VCC. During phase two, the
voltage on C1 is added to VCC, producing a signal across C2 equal
to twice VCC. At the same time, C3 is also charged to 2VCC, and
then during phase one, it is inverted with respect to ground to
produce a signal across C4 equal to -2VCC. The voltage converter
accepts input voltages up to 5.5V. The output impedance of the
doubler (V+) is approximately 200Ω, and the output impedance of
the inverter (V-) is approximately 450Ω . Typical graphs are
presented which show the voltage converters output vs input
voltage and output voltages vs load characteristics. The test circuit
(Figure 2) uses 1µF capacitors for C1 to C4, however, the value is
not critical. Increasing the values of C1 and C2 will lower the
output impedance of the voltage doubler and inverter, and
increasing the values of the reservoir capacitors, C3 and C4,
lowers the ripple on the V+ and V- supplies.
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic threshold is
about 26% of VCC , or 1.3V for VCC = 5V. A logic 1 at the input
results in a voltage of between -5V and V- at the output, and a logic
0 results in a voltage between +5V and (V+ - 0.6V). Each
transmitter input has an internal 400kΩ pullup resistor so any
unused input can be left unconnected and its output remains in its
low state. The output voltage swing meets the RS-232C
specification of
5V minimum with the worst case conditions of:
both transmitters driving 3kΩ minimum load impedance,
VCC = 4.5V, and maximum allowable operating temperature. The
transmitters have an internally limited output slew rate which is
less than 30V/µs. The outputs are short circuit protected and can
be shorted to ground indefinitely. The powered down output
impedance is a minimum of 300Ω with
2V applied to the outputs
and VCC = 0V.
Receivers
The receiver inputs accept up to
30V while presenting the
required 3kΩ to 7kΩ input impedance even it the power is off
(VCC = 0V). The receivers have a typical input threshold of 1.3V
which is within the
3V limits, known as the transition region, of
the RS-232 specification. The receiver output is 0V to VCC. The
output will be low whenever the input is greater than 2.4V and
high whenever the input is floating or driven between +0.8V and
-30V. The receivers feature 0.5V hysteresis to improve noise
rejection.
Applications
The ICL232 may be used for all RS-232 data terminal and
communication links. It is particularly useful in applications
where
12V power supplies are not available for conventional
RS-232 interface circuits. The applications presented represent
typical interface configurations.
A simple duplex RS-232 port with CTS/RTS handshaking is
illustrated in Figure 11. Fixed output signals such as DTR (data
terminal ready) and DSRS (data signaling rate select) is
generated by driving them through a 5kΩ resistor connected to V+.
T1IN, T2IN
T1OUT, T2OUT
VOH
VOL
tr
tf
90%
10%
Instantaneous
Slew Rate (SR) =
(0.8) (VOH - VOL)
tr
or
(0.8) (VOL - VOH)
tf
FIGURE 7. SLEW RATE DEFINITION
TOUT
V- < VTOUT < V+
300Ω
400kΩ
TXIN
GND < TXIN < VCC
V-
V+
VCC
FIGURE 8. TRANSMITTER
ROUT
GND < VROUT < VCC
5kΩ
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 9. RECEIVER
T1IN, T2IN
VOH
VOL
tPLH
tPHL
Average Propagation Delay =
tPHL + tPLH
2
OR
R1IN, R2IN
T1OUT, T2OUT
OR
R1OUT, R2OUT
FIGURE 10. PROPAGATION DELAY DEFINITION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com