Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  2A, 55V, 2MHz Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4560DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 6Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVQ4560-N-00A – 2A, 55V, 2MHz STEP-DOWN CONVERTER EVALUATION BOARD
EVQ4560-N-00A Rev. 1.0
www.MonolithicPower.com
2
1/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
22nF
C1
2.2µF
C2
22µF
C4
2.2µF
C3
0.1µF
C7
100k
R1
SW
FB
4
FREQ
6
VIN
7
EN
2
COMP
3
U1
MPQ4560
D2
NS
C11
22µF
C15
NS
C14
22nF
C8
23.7k
R6
124k
R8
47.5k
R5
330pF
C10
2.2µF
C5
2.2µF
C6
GND
GND
GND
GND
GND
GND
0.1µF
C9
0
R4
GND
NS
R7
GND
GND
NS
C12
GND
NS
C13
GND
GND
16V
FB1
FB2
D1
VIN
VIN
NS
C16
22nF
C17
100pF
C19
22nF
C18
22nF
C20
NS
C22
0.1µF
C21
NS
C23
0.1µF
C24
NS
C25
100V
100V
63V
100V
VIN
EN
VOUT
GND
10µH
L1
22µH
L2
34k
R2
127k
R3
EVQ4560-N-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufactuer_P/N
2
C1, C17
22nF
Ceramic Capacitor;
100V; X7R; 0805
0805
TDK
C2012X7R2A223K
4
C2, C3,
C5, C6
2.2µF
Ceramic Capacitor;
100V; X7R; 1210
1210
TDK
C3225X7R2A225K
1
C4
22µF
Electrolytic Capacitor;
63V; Φ6.3mmx7.7mm(H)
SMD
Jianghai
VTD-63V22
2
C7, C9
0.1µF
Ceramic Capacitor;
100V; X7R; 0603
0603
muRata
GRM188R72A104KA
35D
1
C8
22nF
Ceramic Capacitor;
50V; X7R; 0805
0805
TDK
C2012X7R1H223K
1
C10
330pF
Ceramic Capacitor;
50V; X7R; 0603
0603
TDK
C1608X7R1H331K
1
C15
22µF
Ceramic Capacitor;
16V; X7R; 1210
1210
TDK
C3235X7R1C226M
1
C18
22nF
Ceramic Capacitor;
100V; X7R; 0603
0603
TDK
C1608X7R2A223K
1
C19
100pF
Ceramic Capacitor;
100V; C0G; 0603
0603
TDK
C1608C0G2A101J
1
C20
22nF
Ceramic Capacitor;
50V; X7R; 0603
0603
TDK
C1608X7R1H223K
2
C21, C24
0.1µF
Ceramic Capacitor;
100V; X7R; 0805
0805
TDK
C2012X7R2A104K
2
C11, C25
NS
0805
4
C12, C13,
C16, C22
NS
0603
2
C14, C23
NS
1210
1
D1
NS
SMB
1
D2
B260A
Diode Schottky;
60V; 2A
SMA
Diodes
B260A
5
EN, GND1,
GND2,
VIN, VOUT
2.0 Golden Pin
HZ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com