Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  2A, 55V, 2MHz Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4560DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 6Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVQ4560-N-00A
2A, 55V, 2MHz
Step-Down Converter Evaluation Board
EVQ4560-N-00A Rev. 1.0
www.MonolithicPower.com
1
1/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The EVQ4560-N-00A is an evaluation board for
the MPQ4560, a high frequency step-down
regulator with an integrated power MOSFET.
The MP4560 integrates a 250m
MOSFET that
provides 2A load current over a wide operating
input voltage of 4.5V to 55V.
Current mode control provides fast transient
response and eases loop stabilization. An
internal soft-start prevents inrush current at
turn-on.
The EVQ4560-N-00A is a fully assembled and
tested PCB. It generates a +5V output voltage
at load current up to 2A from an 8V to 55V input
range. Switching frequency is set at 700kHz.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
8 – 55
V
Output Voltage
VOUT
5
V
Output Current
IOUT
2
A
FEATURES
•
2A Output Current
•
Programmable Switching Frequency up to
2MHz
•
Wide 8V to 55V Operating Input Range
•
Adjustable Output from 0.8V
•
Fully Assembled and Tested
APPLICATIONS
•
High Voltage Power Conversion
•
Game Machines
•
Automotive Systems
•
Industrial Power Systems
•
Distributed Power Systems
•
Printer Systems
•
Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EVQ4560-N-00A EVALUATION BOARD
(L x W x H) 3.5” x 2.5” x 0.4”
(8.8cm x 6.4cm x 1.0cm)
Board Number
MPS IC Number
EVQ4560-N-00A
MPQ4560DN
0
10
20
30
40
50
60
70
80
90
100
1
100
10000


Similar Part No. - MPQ4560DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4560DN MPS-MPQ4560DN Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4560DN MPS-MPQ4560DN Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
MPQ4560DN-AEC1 MPS-MPQ4560DN-AEC1 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4560DN-AEC1 MPS-MPQ4560DN-AEC1 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
More results

Similar Description - MPQ4560DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2361DK-00A MPS-EV2361DK-00A Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
1A, 2MHz, 55V Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MPQ4560-AEC1 MPS-MPQ4560-AEC1 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
EVQ4559DN-00A MPS-EVQ4559DN-00A Datasheet
258Kb / 6P
1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ2451-G-00A MPS-EVQ2451-G-00A Datasheet
412Kb / 5P
0.6A, 2MHz, 36V Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com