Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  2A, 55V, 2MHz Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4560DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 6Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVQ4560-N-00A – 2A, 55V, 2MHz STEP-DOWN CONVERTER EVALUATION BOARD
EVQ4560-N-00A Rev. 1.0
www.MonolithicPower.com
3
1/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVQ4560-N-00A BILL OF MATERIALS (continued)
Qty
RefDes
Value
Description
Package
Manufacturer
Manufactuer_P/N
2
FB1,
FB2
Magnetic Bead; 6A
1206
muRata
BLM31PG330SH1L
1
L1
10µH
Inductor; 2.4A
SMD
TOKO
DS85LCB-B1135AS
-100M
1
L2
22µH
Inductor; 3A
SMD
TOKO
D104C-919AS-220M
1
R1
100k
Film Resistor; 1%
0603
Yageo
RC0603FR-07100KL
1
R2
34k
Film Resistor; 1%
0603
Yageo
RC0603FR-0734KL
1
R3
127k
Film Resistor; 1%
0603
Yageo
RC0603FR-07127KL
1
R4
0
Film Resistor; 5%
0603
Yageo
RC0603JR-070RL
1
R5
47.5k
Film Resistor; 1%
0603
Yageo
RC0603FR-0747K5L
1
R6
23.7k
Film Resistor; 1%
0603
Yageo
RC0603FR-0723K7L
1
R7
NS
0603
1
R8
124k
Film Resistor; 1%
0603
Yageo
RC0603FR-07124KL
1
U1
MPQ4560DN
Step-Down Regulator
SO8/EP
MPS
MPQ4560DN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com