Electronic Components Datasheet Search
  English  ▼

X  

MPQ4560DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ4560DN
Description  2A, 55V, 2MHz Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ4560DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 6Page - Monolithic Power Systems MPQ4560DN Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVQ4560-N-00A – 2A, 55V, 2MHz STEP-DOWN CONVERTER EVALUATION BOARD
EVQ4560-N-00A Rev. 1.0
www.MonolithicPower.com
5
1/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 5V, TA = 25°C, unless otherwise noted.
VEN
2V/di
v.
VOUT
2V/di
v.
VSW
5V/di
v.
IL
1A/di
v.
VOUT (AC)
200mV/di
v.
IL
500mA/di
v.
VOU T
2V/di
v.
VSW
5V/di
v.
IL
2A/di
v.
VOU T
2V/di
v.
VSW
5V/di
v.
IL
500mA/di
v.
VOU T
2V/di
v.
VSW
5V/di
v.
IL
2A/di
v.
100
90
80
70
60
50
40
30
20
10
0
150k
10M
1M
30M
80.0
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
1000
30 40
70 100
200 300
500
150k
10M
1M
30M
100
90
80
70
60
50
40
30
20
10
0
EN55022 - Q
P
EN55022
EN55022 -
AV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com