Electronic Components Datasheet Search
  English  ▼

X  

MA704 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MA704
Description  10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA704 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MA704 Datasheet HTML 1Page - Monolithic Power Systems MA704 Datasheet HTML 2Page - Monolithic Power Systems MA704 Datasheet HTML 3Page - Monolithic Power Systems MA704 Datasheet HTML 4Page - Monolithic Power Systems MA704 Datasheet HTML 5Page - Monolithic Power Systems MA704 Datasheet HTML 6Page - Monolithic Power Systems MA704 Datasheet HTML 7Page - Monolithic Power Systems MA704 Datasheet HTML 8Page - Monolithic Power Systems MA704 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MA704 – 10-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA704 Rev. 1.0
www.MonolithicPower.com
5
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
GENERAL CHARACTERISTICS
VDD = 3.3V, 45mT < B < 100mT, Temp = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Absolute Output
– Serial
Effective resolution
3σ deviation of the noise distribution
9.5
10.0
10.5
bit
Noise RMS
0.04
0.06
0.08
deg
Refresh rate
850
980
1100
kHz
Data output length
12
12
bit
Response Time
Power-up time (4)
1.1
ms
Latency (4)
Constant speed propagation delay
8
10
µs
Filter cutoff frequency (4)
Fcutoff
2970
Hz
Accuracy
INL at 25°C
At room temperature over the full
field range
0.7
deg
INL between -40°C to
+125°C (5)
Over the full temperature range and
field range
1.1
deg
Output Drift
Temperature induced drift
at room temperature (5)
0.015
0.04
deg/°C
Temperature induced
variation (5)
From 25°C to 85°C
0.5
1.2
deg
From 25°C to 125°C
1.0
2.1
deg
Magnetic field induced (5)
0.005
deg/mT
Voltage supply induced (5)
0.3
deg/V
Absolute Output
– PWM
PWM frequency
782
920
1010
Hz
PWM resolution
9.5
10.0
bit
Incremental Output
– ABZ
ABZ update rate
16
MHz
Resolution - edges per
turn
Programmable
4
256
Pulses per channel per
turn
PPT+1
Programmable
1
64
ABZ hysteresis (5)
H
1.1
deg
Systematic jitter (5)
For PPT = 63, 0 - 100kRPM
6.0
%
Random
jitter (3σ)
For PPT = 63, 0 - 100kRPM
3.0
%
Overall ABZ jitter (5)
0.5
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com