Electronic Components Datasheet Search
  English  ▼

X  

MA704 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MA704
Description  10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA704 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MA704 Datasheet HTML 1Page - Monolithic Power Systems MA704 Datasheet HTML 2Page - Monolithic Power Systems MA704 Datasheet HTML 3Page - Monolithic Power Systems MA704 Datasheet HTML 4Page - Monolithic Power Systems MA704 Datasheet HTML 5Page - Monolithic Power Systems MA704 Datasheet HTML 6Page - Monolithic Power Systems MA704 Datasheet HTML 7Page - Monolithic Power Systems MA704 Datasheet HTML 8Page - Monolithic Power Systems MA704 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MagAlpha MA704
10-Bit, Digital, Contactless Angle Sensor
with ABZ Incremental & PWM Outputs
MA704 Rev. 1.0
www.MonolithicPower.com
1
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MA704
detects
the
absolute angular
position of a permanent magnet, typically a
diametrically magnetized cylinder on a rotating
shaft. The MA704 is particularly suited to track
highly dynamic movements with speeds up to
60’000 rpm.
The MA704 supports a wide range of magnetic
field strengths and spatial configurations. Both
end-of-shaft and off-axis (side-shaft mounting)
configurations are supported.
The MA704 features magnetic field strength
detection with programmable thresholds to allow
sensing of the magnet position relative to the
sensor for creation of functions such as the
sensing of axial movements or for diagnostics.
On-chip non-volatile memory provides storage
for
configuration
parameters,
including
the
reference zero angle position, ABZ encoder
settings, and magnetic field detection thresholds.
FEATURES
 10-Bit Resolution Absolute Angle Encoder
 Contactless Sensing for Long Life
 SPI Serial Interface for Digital Angle
Readout and Chip Configuration
 Incremental 8-Bit ABZ Quadrature Encoder
Interface with Programmable Pulses Per
Turn from 1-64
 PWM Output 10-Bit
 Programmable Magnetic Field Strength
Detection for Diagnostic Checks
 3.3V, 12 mA Supply
 -40°C to +125°C Operating Temperature
 Available in a QFN-16 (3mmx3mm)
Package
APPLICATIONS
 General Purpose Angle Measurement
 Angle Encoders
 Automotive Angle or Speed Sensors
 Robotics
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MA704

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA704A PANASONIC-MA704A Datasheet
47Kb / 2P
Silicon epitaxial planar type
MA704WA PANASONIC-MA704WA Datasheet
64Kb / 3P
Schottky Barrier Diodes (SBD)
MA704WK PANASONIC-MA704WK Datasheet
64Kb / 3P
Schottky Barrier Diodes (SBD)
More results

Similar Description - MA704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
Texas Instruments
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
10-Bit Digital Temperature Sensor
Rev. A
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
10-Bit Digital Temperature Sensor
Rev. E
logo
MPS Industries, Inc.
MAQ430 MPSIND-MAQ430 Datasheet
1Mb / 30P
12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
Rev. 1.2 8/8/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com