Electronic Components Datasheet Search
  English  ▼

X  

MA704 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MA704
Description  10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA704 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MA704 Datasheet HTML 4Page - Monolithic Power Systems MA704 Datasheet HTML 5Page - Monolithic Power Systems MA704 Datasheet HTML 6Page - Monolithic Power Systems MA704 Datasheet HTML 7Page - Monolithic Power Systems MA704 Datasheet HTML 8Page - Monolithic Power Systems MA704 Datasheet HTML 9Page - Monolithic Power Systems MA704 Datasheet HTML 10Page - Monolithic Power Systems MA704 Datasheet HTML 11Page - Monolithic Power Systems MA704 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MA704 – 10-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA704 Rev. 1.0
www.MonolithicPower.com
8
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SSD
Data out (SSI).
2
A
Incremental output.
3
Z
Incremental output.
4
MOSI
Data in (SPI). MOSI has an internal pull-down resistor.
5
CS
Chip select (SPI). CS has an internal pull-up resistor.
6
B
Incremental output.
7
MISO
Data out (SPI). MISO has an internal pull-down resistor that is enabled at a high impedance
state.
8
GND
Supply ground.
9
PWM
PWM output.
10
TEST
Connect to ground.
11
MGL
Digital output indicating field strength below MGLT level.
12
SCLK
Clock (SPI). SCLK has an internal pull-down resistor.
13
VDD
Supply 3.3V.
14
NC
No connection. Leave NC unconnected.
15
SSCK
Clock (SSI). SSCK has an internal pull-down resistor.
16
MGH
Digital output indicating field strength above MGHT level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com