Electronic Components Datasheet Search
  English  ▼

X  

MA704 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MA704
Description  10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA704 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MA704 Datasheet HTML 3Page - Monolithic Power Systems MA704 Datasheet HTML 4Page - Monolithic Power Systems MA704 Datasheet HTML 5Page - Monolithic Power Systems MA704 Datasheet HTML 6Page - Monolithic Power Systems MA704 Datasheet HTML 7Page - Monolithic Power Systems MA704 Datasheet HTML 8Page - Monolithic Power Systems MA704 Datasheet HTML 9Page - Monolithic Power Systems MA704 Datasheet HTML 10Page - Monolithic Power Systems MA704 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MA704 – 10-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA704 Rev. 1.0
www.MonolithicPower.com
7
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VDD = 3.3V, Temp = 25°C, unless otherwise noted.
ABZ Jitter at PPT = 255
Noise Spectrum at 50mT
Filter Transfer Function
1
1.5
2
2.5
3
0.1
1
10
100
1000
10
4
10
5
ROTATION SPEED (rpm)
0.001
0.01
10
100
1000
10
4
10
5
FREQUENCY (Hz)
-20
-15
-10
-5
0
5
10
100
1000
10
4
10
5
f (Hz)
-3 dB
Error Curves at 50mT
Non-Linearity (INL and
Harmonics)
Effective Resolution
(3σ)
-2
-1
0
1
2
0
50
100
150
200
250
300
350
ANGLE (deg)
125°C
-45°C
25°C
5
6
7
8
9
10
11
0
20
40
60
80
100
120
MAGNETIC FIELD (mT)
Current Consumption at
VDD = 3.3V
0
0.5
1
1.5
0
20
40
60
80
100
MAGNETIC FIELD (T)
INL
H1
H2
10
10.5
11
11.5
12
-50
0
50
100
150
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com