Electronic Components Datasheet Search
  English  ▼

X  

OM9369CM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM9369CM
Description  FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9369CM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM9369CM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 5Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 6Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 7Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 8Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2.1 - 3
OM9369CM
ABSOLUTE MAXIMUM RATINGS
Motor Supply Voltage, Vm .................................................. 300 Vdc
Peak Motor Supply Voltage Vm pK ........................................... 500 Vdc
Average Phase Output Current, Io ................................... 25 Amperes DC*
Peak Phase Output Current, Iom ................................... 50 Amperes Peak**
Control Supply Voltage, Vcc ................................................... +18 V
Logic Input Voltage (Note 1) ............................................ -0.3 V to +8 V
Reference Source Current ................................................ -30 mAdc
Error Amplifier Input Voltage Range, (EA1+/EA1-) .................... -0.3 Vdc to 10 Vdc
Error Amplifier Output Current .............................................. ±8 mAdc
Spare Amplifier Input Voltage (EA2+/EA2-)........................... -0.3 Vdc to 10 Vdc
Spare Amplifier Output Current ............................................. ±8 mAdc
Current Sense Amplifier Input Voltage (ISH/ISL) ....................... -0.3 V to +6 Vdc
Current Sense Amplifier Output Current .....................................±10 mAdc
Tachometer Output Current ................................................±10 mAdc
PWM Input Voltage ..............................................- 0.3 Vdc to +6 Vdc
Operating Junction Temperature .....................................-55°C to +150° C
Storage Temperature Range ........................................-65° C to +150° C
Power Switch Junction-to-Case Thermal Resistance, R
θjc...................... 0.48°C/W
Package Isolation Voltage ................................................. 600 Vrms
Lead Soldering Temperature .............300°C, 10 seconds maximum, 0.125” from case
* Tcase = 25° C
** Tcase = 25° C, Maximum pulse width = 10mSec
RECOMMENDED OPERATING CONDITIONS (Tcase = 25° C)
Motor Power Supply Voltage, Vm ......................................... +270Vdc
Average Phase Output Current, IO
With Internal Current Sense Resistor (Note 2)
Each Power Switch .............................................25 A
Control Supply Voltage, Vcc ............................................ 15Vdc ±10%
Logic Low Input Voltage, Vil ........................................... 0.8 Vdc (max)
Logic High Input Voltage, Vih ........................................... 2.0 Vdc (min)
Note 1: Logic Inputs: Direction, Hall Inputs (H1...H3) Overvoltage - Coast, Speed, and Quad Select.
Note 2: The internal 5m
Ω current sense resistor is limited to 6 Wdc power dissipation. Other values are available.
Please contact the factory for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com