Electronic Components Datasheet Search
  English  ▼

X  

OM9369CM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OM9369CM
Description  FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9369CM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OM9369CM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 5Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 6Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 7Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 8Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Parameter
Symbol
Conditions (Note 1)
MIN.
TYP.
MAX.
Units
Soft-Start Section
Soft-Start Pull-Up Current
Ip
V(pin 19) = 0V
-16
-10
-5
uA
Soft-Start Discharge Current
Id
V(pin 19) = 2.5V
0.1
0.4
3.0
mA
Soft-Start Reset Threshold Voltage
Vth
0.1
0.2
0.3
V
Tachometer/Brake Section
Tachometer Output High Level
Voh
Tc o
ver operating range
4.7
5.0
5.3
V
(Pin 16) 10k
Ω to 2.5 V
Tachometer Output Low Level
Vol
Tc o
ver operating range
(Pin 16) 10k
Ω to 2.5 V
0.2
V
Tachometer On-Time
ton
85
100
140
us
Tachometer On-Time Variation
--
Tc o
ver operating range
0.1
%
Brake/Tach Timing Input Current
Iin
V (pin 17) = oV
-4.0
-1.9
mA
Brake/Tach Timing
Threshold Voltage
Vth
Tc o
ver operating range
0.8
1.0
1.2
V
Brake/Tach Timing
Voltage Hysteresis
Vh
0.09
V
Speed Input Threshold Voltage
Vth
Tc o
ver operating range
220
257
290
mV
Speed Input Current
Iin
-30
-5
30
uA
Oscillator Section
Oscillator Frequency
fo
Measured at pin 11
13.5
14.8
20.0
kHz
SPECIFICATION NOTES:
1. All parameters specified for Ta = 25
°C, Vcc = 15Vdc, Rosc = 75K
Ω (to Vref), Cosc = 1800 pF, and all Phase Outputs unloaded (Ta ~ Tj). All negative currents shown
are sourced by (flow from) the pin under test.
2. Either ISH or ISL may be driven over the range shown.
3. Bold parameters tested at -55
°C, 25°C, 125°C.
PIN#
NAME
PIN#
NAME
1
VCC
24
Speed Input
2
Delay
25
Direction Input
3
EA1 “-” Input
26
CSH
4
EA2 “+” Input
27
CSL
5
EA1 “+” Input
28
(No Connection)
6
+5V Reference Output
A
Motor Return
7
EA2 “-” Input
B
Vmotor
8
EA2 Output
C
Phase C Output
9
EA1 Output
D
Phase B Output
10
PWM Input
E
Phase A Output
11
Oscillator Timing Input
(Base)
(No Connection)
12
Isense
13
ISH
14
ISL
15
Quad Select Input
16
Tachometer Output
17
Brake/Tach Timing Input
18
Overvoltage/Coast Input
19
Soft-Start Input
20
Ground
21
H3 Input
22
H2 Input
23
H1 Input
2.1 - 5
OM9369CM
PINOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com