Electronic Components Datasheet Search
  English  ▼

X  

OM9369CM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM9369CM
Description  FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9369CM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM9369CM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 5Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 6Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 7Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 8Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PARAMETER
SYMBOL
CONDITIONS (NOTE 1)
MIN.
TYP.
MAX.
UNITS
Power Output Section
IGBT Leakage Current
Ices
Vce = 600Vdc
300
uA
Vge = 0V
IGBT c-e Saturation Voltage
Vce(sat)
Ic = 50Adc
3.2
V
Vge = 15V
Diode Leakage Current
Ir
Vr = 600Vdc
100
uA
Diode Forward Voltage
Vf
If = 37A
1.7
V
Diode Reverse Recovery Time
trr
Io = 1A, di/dt = -100A/usec,
50
ns
Vr = 30V
Control Section
Control Supply Current
Icc
Vcc over operating range
100
mA
Control Turn-On Threshold
Vcc(+)
Tc over operating range
9.45
V
Driver Turn-On Threshold
Vcc(+)
Tc over operating range
13.0
V
Reference Section
Output Voltage
Vref
4.9
5.0
5.1
V
Output Voltage
Vref
Tc over operating range
4.7
5.0
5.3
V
Output Current
Io
---
---
30
mA
Load Regulation
Iload = 0mA to -20mA
-40
-5
mV
Short Circuit Current
Isc
Tc over operating range
50
100
150
mA
Error Amplifier / Spare Amplifier Sections
EA1 / EA2 Input Offset Current
Ios
V(pin 3) = V(pin 5) = 0V
-30
-3
0
nA
V(pin 4) = V(pin 7) = 0V
EA1 / EA2 Input Bias Current
Iin
V(pin 3) = V(pin 5) = 0V
-50
-45
0
nA
V(pin 4) = V(pin 7) = 0V
Input Offset Voltage
Vos
0V < Vcommon-mode < 3V
7
mV
Amplifier Output Voltage Range
--
0
6
V
PWM Comparator Section
PWM Input Current
Iin
V(pin 10) = 2.5V
0
3.0
30
uA
Current-Sense Amplifier Section
ISH / ISL Input Current
Iin
V(pin 13) = V(pin 14) = 0V
-850
-320
0
uA
Input Offset Current
Ios
V(pin 13) = V(pin 14) = 0V
+/-2
+/-12
uA
Peak Current Threshold Voltage
Vpk
V(pin 13) = 0V, V(pin 14)
0.14
0.20
0.26
V
Varied to Threshold
Over Current Threshold Voltage
Voc
V(pin 13) = 0V, V(pin 14)
0.26
0.30
0.36
V
Varied to Threshold
ISH / ISL Input Voltage Range
--
(Note 2)
-1
2
V
Amplifier Voltage Gain
Av
V(pin 13) = 0.3V, V(pin 14)
1.75
1.95
2.15
V/V
= 0.5V to 0.7V
Amplifier Level Shift
--
V(pin 13) = V(pin 14) = 0.3V
2.4
2.5
2.65
V
Logic Input Section
H1, H2, H3 Low Voltage Threshold
Vil
Tc over operating range
0.8
1.0
1.2
V
H1, H2, H3 High Voltage Threshold
Vih
Tc over operating range
1.6
1.9
2.0
V
H1, H2, H3 Input Current
Iin
Tc over operating range,
-400
-250
-120
uA
V(pin 21, 22 or 23) = 0Vdc
Quad Select / Direction
Threshold Voltage
Vth
Tc over operating range
0.8
1.4
2.0
V
Quad Select Voltage Hysteresis
Vh
70
mV
Direction Voltage Hysteresis
Vh
0.6
V
Quad Select Input Current
Iin
-30
50
150
uA
Direction Input Current
Iin
-30
-1
30
uA
Overvoltage / Coast Input Section
Overvoltage / Coast Inhibit
Threshold Voltage
Vth
Tc over operating range
1.65
1.75
1.85
V
Overvoltage / Coast Restart
Threshold Voltage
Vth
Tc over operating range
1.55
1.65
1.75
V
Overvoltage / Coast Hysteresis Voltage Vh
0.05
0.10
0.15
V
Overvoltage / Coast Input Current
Iin
-10
-1
0
uA
2.1 - 4
OM9369CM
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com